Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

301-R010-400 Datasheet(PDF) 26 Page - Magnetrol International, Inc.

Part # 301-R010-400
Description  Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level/Volume/Open Channel Flow
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

301-R010-400 Datasheet(HTML) 26 Page - Magnetrol International, Inc.

Back Button 301-R010-400 Datasheet HTML 22Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 23Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 24Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 25Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 26Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 27Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 28Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 29Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 30Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
SOFTWARE CONFIGURATION cont.
26
Default Display
The factory default is for the unit to display Magnetrol Int’l on
the top line of the LCD while in the run mode, and a level
reading on the bottom line. The bottom line can be changed
to display the mA current loop output value instead of the
level reading. When using the Volume & Level mode, the
default display can be changed to be volume. When using
the Flow & Level mode the default display can be changed
to be flow.
Change Password
Allows for the factory preset password of 300 to be changed
to another value for security purposes. The password can be
any number between 1 and 32767. The format is to enter the
old password, enter the new password, and then enter the
new password again.
Adjust Loop Points
Offsets to the mA current loop can be made if necessary.
This is done by reading the mA current output with a
DVM, and adjusting the 3.5 mA and 22 mA endpoints with
Adjust Loop Points cont.
the
or
keys. These values are set at the factory and
should not need to be adjusted. Contact the factory prior to
making any adjustments to the loop output.
Enter Tag Line
The upper line of the LCD display while in the run mode is a
programmable label referred to as the tag. It is preset at the
factory as “Magnetrol Int’l.” If desired, this tag can be
changed to be any alphanumeric string of 16 characters.
Press ENT and then use
or
to scan through the charac-
ters. Pressing ENT will enter a character and move the cursor
to the next position on the LCD line. Upper and lower case
letters are provided as well as numbers and many ASCII char-
acters. Pressing DEL moves the cursor back one position.
Pressing the
once will start a scrolling of the characters,
and pressing it twice will start a fast scrolling. When close to
the desired character, press ENT and use
or
to reach the
desired character. A blank space may also be used. The blank
space is found in between the ! and the
while scrolling
through the characters.
The Diagnostics Menu provides a method of testing the
instrument’s functionality. It also has useful information for
troubleshooting. Access to Diagnostics Menu is obtained
from the run mode by pushing either the
or
arrows until
the display shows:
Diagnostics
to select
Diagnostics Menu
Display
Option
Action if ENT is pressed
Comments
Test Relays
Press ENT to change
Select relay to test, press ENT, then
Allow user to energize any relay
to select
or
or
to continue.
use
or
to energize relay.
individually. Press ENT when complete.
Test 4-20 mA Loop
Press ENT to change
Enter desired current output and
Allows user to output desired 4-20 mA
to select
or
or
to continue.
press ENT.
to an external device. Press ENT when
complete.
Gain/ % Signal
Press
or
to continue.
This is a read-only screen that cannot
The gain will increase (from 0 to 32) to
xx
xxx
be changed.
keep the % signal strength at a desired
level for peak performance.
View Version #
Press
or
to continue.
Display software version number.
xxxxxxxxxx
Previous Menu
Press ENT to return to
to select
previous menu or
or
to review selection.
ADVANCED CONFIGURATION MENU cont.
DIAGNOSTICS MENU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com