Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

301-R010-400 Datasheet(PDF) 35 Page - Magnetrol International, Inc.

Part # 301-R010-400
Description  Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level/Volume/Open Channel Flow
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

301-R010-400 Datasheet(HTML) 35 Page - Magnetrol International, Inc.

Back Button 301-R010-400 Datasheet HTML 28Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 29Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 30Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 31Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 32Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 33Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 34Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 35Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 36Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
Figure 22
Transducers
REPLACEMENT PARTS
SPECIFICATIONS cont.
35
2" NPT
Process
Connection
3/4" NPT
Insertion Length
10.00 (254)
1
2" NPT
Process
Connection
3.00 (76) or 10.00 (254)
Insertion Length
3/4" NPT
384 Transducer with
1" NPT without Housing
384 Transducer with
2" NPT without Housing
384 Transducer with 2" NPT with Housing
Œ This dimension is common to all
transducers on page.
DIMENSIONAL SPECIFICATIONS
Inches (mm)
Item
Description
Part Number
1
Cover
004-9174-007
2
Base
004-9188-004
3
O-Ring
012-2201-253
4
Daughter board
030-3559-001
4–20
030-2225-001
5
Logic board
RS-485
030-2225-002
4–20/RS-485
030-2225-003
0 relays
030-2212-003
120 VAC
2 relays
030-2212-002
4 relays
030-2212-001
6
Power supply
0 relays
030-2212-006
board
240 VAC
2 relays
030-2212-005
4 relays
030-2212-004
0 relays
030-2212-009
24 VDC
2 relays
030-2212-008
4 relays
030-2212-007
7
Termination board
030-3515-001
8
Transducer
Aluminum
004-9104-001
housing base
316 SS
004-9140-001
9
Transducer
Aluminum
004-9105-001
housing cover
316 SS
004-9142-001
10
Transducer housing O-ring
012-2101-345
11
Transducer (Refer to Model Identification on page 2.
Figure 23
Replacement Parts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com