Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

301-R010-400 Datasheet(PDF) 3 Page - Magnetrol International, Inc.

Part # 301-R010-400
Description  Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level/Volume/Open Channel Flow
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

301-R010-400 Datasheet(HTML) 3 Page - Magnetrol International, Inc.

  301-R010-400 Datasheet HTML 1Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 2Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 3Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 4Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 5Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 6Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 7Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 8Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
3
MEASUREMENT RANGE CALCULATIONS
MEASUREMENT RANGE PARAMETERS
Ultrasonic non-contact devices are typically rated for a
maximum range in ideal conditions. Experience has shown
that maximum range must be reduced for certain factors.
Although the maximum range rating is somewhat conser-
vative, each application must be evaluated for specific
conditions.
The operating parameters listed below can impact the max-
imum range of measurement:
• Surface agitation
• Vapors and steam (as measured by temperature
difference between liquid and air)
• Beam spread interference
• Transducer alignment
• Foam
• Dust
• Air movement
• Ambient temperature
• Pressure
Sensor alignment
Beam spread
interference
Beam spread
interference
Air movement
Dust
Vapors
Foam
Surface
agitation
HOW TO CALCULATE
To estimate how successful a particular application may be,
using the chart on page 4:
1. Select one condition from each of the operating
parameters that best describes your application.
2. Enter the corresponding performance multiplier value
in the application column.
3. Multiply all of the selected values together.
4. Multiply step 3 by 30' (maximum potential range);
this yields a value that is the maximum allowable
measurement range for this application.
Example:
The vessel is a closed-top tank, noninsulated, 22-feet tall.
Surface agitation:
Expect slight agitation from fill
line. Performance multiplier 0.9.
Vapor and steam:
The process temperature is
+130° F, slight vapor is expected.
Performance multiplier 0.9.
Beam interference:
No interference exists.
Performance multiplier 1.0.
Transducer alignment:
The transducer will be perpendi-
cular to the liquid surface.
Performance multiplier 1.0.
Foam:
None.
Performance multiplier 1.0.
Dust:
None. Performance multiplier 1.0.
Air movement:
None. Performance multiplier 1.0.
Ambient temperature:
0 to +120° F.
Performance multiplier 1.0.
Pressure:
Atmospheric pressure.
Performance multiplier 1.0.
Will the Model 300/301 work for this application?
Calculation:
Multiply all values in the application column:
0.9 x 0.9 x 1.0 x 1.0 x 1.0 x 1.0 x 1.0 x 1.0 x 1.0 x
30 feet (maximum) = 24.3 feet
The calculation yields 24.3 feet as the new maximum range.
Since the tank is 22 feet tall, this application will give satis-
factory results.
NOTE: The performance multipliers provided are conser-
vative estimates. Since these factors are subjective, the
values have been designed to provide very high confidence
of system success. Contact the factory if there are any
questions concerning the interpretation of any of these per-
formance multipliers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com