Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

301-R010-400 Datasheet(PDF) 1 Page - Magnetrol International, Inc.

Part # 301-R010-400
Description  Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level/Volume/Open Channel Flow
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

301-R010-400 Datasheet(HTML) 1 Page - Magnetrol International, Inc.

  301-R010-400 Datasheet HTML 1Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 2Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 3Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 4Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 5Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 6Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 7Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 8Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Echotel® Model 300/301
Ultrasonic Non-Contact
Transmitter For Level/
Volume/Open Channel Flow
Software version 1.x
Instruction Manual and Parts List
TABLE OF CONTENTS
General Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1
Model Identification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2
Measurement Range Calculations . . . . . . . . . . . . . . . . . .3-4
Transducer Mounting . . . . . . . . . . . . . . . . . . . . . . . . . . . .5-6
Transmitter Mounting . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6
Electrostatic Discharge (ESD) Handling Procedure . . . . . .6
Wiring . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .7-10
Software Configuration . . . . . . . . . . . . . . . . . . . . . . . .11-23
Pre-configuration Worksheet . . . . . . . . . . . . . . . . . . . . .12
Complete Menu Structure . . . . . . . . . . . . . . . . . . . .13-14
Measured Values Menu . . . . . . . . . . . . . . . . . . . . . . . . .15
System Configuration Menus . . . . . . . . . . . . . . . . . .15-21
I/O Configuration Menu . . . . . . . . . . . . . . . . . . . . . .22-24
Advanced Configuration Menu . . . . . . . . . . . . . . . . .25-26
Diagnostics Menu . . . . . . . . . . . . . . . . . . . . . . . . . . . . .26
Modbus Protocol . . . . . . . . . . . . . . . . . . . . . . . . . . . . .27-32
Functions and Data Format . . . . . . . . . . . . . . . . . . . . . . .28
Programming . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .28-31
RS-485 Wiring . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .32
Troubleshooting . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .32-33
Agency Approvals/
Electrical Specifications . . . . . . . . . . . . . . . . . . . . . . . . . .34
Dimensional Specifications . . . . . . . . . . . . . . . . . . . . .34-35
Replacement Parts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .35
DESCRIPTION
The Model 300/301 is a full-featured, powerful ultrasonic
system for measurement of liquid level, volume, or open
channel flow. Available as an integral or remote mounted
transmitter, this extremely versatile system is simple to
install and calibrate.
PRINCIPLE OF OPERATION
The Model 300/301 is a versatile system that utilizes non-
contact ultrasonic technology to measure liquid levels in a
variety of applications. The system consists of a transmitter
and an ultrasonic transducer. The transducer contains a
piezoelectric crystal that has the ability to convert electrical
signals generated by the transmitter into ultrasonic pulses.
The unit operates by directing ultrasonic pulses, or sound
waves, through the air toward the liquid surface. They are
then reflected off the liquid surface as an echo, and returned
to the transducer. The piezoelectric crystal then converts the
returned echo into an electrical signal which is analyzed by
the transmitter. The elapsed time between the generation of
the ultrasonic pulse and the return echo is proportional to
the distance between the face of the transducer and the liq-
uid surface.
UNPACKING
Unpack the instrument carefully, making sure all components
have been removed from the packing material. Inspect all
components, and report any damage to the carrier within 24
hours. Check the contents of the carton, making sure it
agrees with the packing slip and the purchase order. Verify
that the model number imprinted on the nameplate matches
the number on the packing slip and the purchase order.
Report any discrepancies to the factory. Check and record
the serial number for future reference when ordering parts.
CAUTION: Please read the entire installation section
carefully prior to starting installation.


Similar Part No. - 301-R010-400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
301-0004 ETC2-301-0004 Datasheet
2Mb / 54P
standard straight tips
301-0005 ETC2-301-0005 Datasheet
2Mb / 54P
standard straight tips
301-0015 ETC2-301-0015 Datasheet
2Mb / 54P
standard straight tips
301-0020 ETC2-301-0020 Datasheet
2Mb / 54P
standard straight tips
logo
DB Lectro Inc
301-021-0002-00000 DBLECTRO-301-021-0002-00000 Datasheet
369Kb / 1P
SCREW TYPE SERIES
More results

Similar Description - 301-R010-400

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
300-R010-45L MAGNETROL-300-R010-45L Datasheet
223Kb / 12P
Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level, Volume, and Open Channel Flow
335-AA1A-G5P MAGNETROL-335-AA1A-G5P Datasheet
172Kb / 4P
Echotel짰 Model 335 Non-Contact Ultrasonic Transmitter for Level, Volume, or Open Channel Flow
335-AA10-G5P MAGNETROL-335-AA10-G5P Datasheet
845Kb / 44P
Non-Contact Ultrasonic Transmitter For Level, Volume, and Open Channel Flow Measurement
344-0442-100 MAGNETROL-344-0442-100 Datasheet
735Kb / 56P
Ultrasonic Non-Contact Transmitters for Level, Volume, or Open Channel Flow
344-0442-101 MAGNETROL-344-0442-101 Datasheet
305Kb / 12P
Echotel짰 Models 344/345 Ultrasonic Non-Contact Transmitters for Level, Volume, or Open Channel Flow
355-500A-10B MAGNETROL-355-500A-10B Datasheet
469Kb / 8P
Echotel짰 Model 355 Non-Contact Ultrasonic Two-Wire Transmitter for Level, Volume, or Open Channel Flow
355-500A-10R MAGNETROL-355-500A-10R Datasheet
907Kb / 60P
Two-Wire Non-Contact Ultrasonic Transmitter For Level, Volume, and Open Channel Flow Measurement
801-2031-A40 MAGNETROL-801-2031-A40 Datasheet
192Kb / 8P
Kotron짰 Model 801 RF Capacitance Transmitter for Level/Flow/Volume
910-A1A0-003 MAGNETROL-910-A1A0-003 Datasheet
199Kb / 4P
Echotel짰 Model 910 Ultrasonic Level Switch
940-111E-001 MAGNETROL-940-111E-001 Datasheet
154Kb / 4P
Echotel짰 Model 940/941 Ultrasonic Level Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com