Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

301-R010-400 Datasheet(PDF) 24 Page - Magnetrol International, Inc.

Part # 301-R010-400
Description  Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level/Volume/Open Channel Flow
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

301-R010-400 Datasheet(HTML) 24 Page - Magnetrol International, Inc.

Back Button 301-R010-400 Datasheet HTML 20Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 21Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 22Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 23Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 24Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 25Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 26Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 27Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 28Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
SOFTWARE CONFIGURATION cont.
24
On point for first
lead-lag relay
Off point for both
lead-lag relays
On point for second
lead-lag relay
Figure 16
Lead-lag Relay Configuration
Since the configuration for relays in a lead-lag group is the
same as alarm relays, refer to page 23 for configuration.
The DNRG < Setpoint screen will not be shown since lead-
lag relays cannot have the same value for “Relay On” and
“Relay Off.”
As shown in Figure 16, all the RELAY OFF points in the lead-
lag group should be the same value. This allows the lead-lag
cycle to reset when more than one relay comes on. The RELAY
ON points for the second, third, and fourth relays (if used), are
staggered above the RELAY ON point for the first relay.
Lead-Lag Relays cont.
I/O Configuration Menu (4-20 mA Output Settings)
Display
Keystroke
Comment and/or Additional Keystrokes
I/O Config
Press ENT
Enters the Relay Settings menu.
to select
Relay Settings
Press
Scrolls to the 4-20 mA Settings submenu.
to select
4-20 mA Settings
Press ENT
Enters the 4-20 mA Settings submenu.
to select
Enable/Disable
Press ENT,
Enables the 4-20 mA output. Press ENT and
to proceed to the next item.
Disable
Controlled by
Press ENT or
If unit is configured in the Level Only mode, this screen will not be displayed.
Level
Press
to have the 4-20 mA controlled by level, or ENT,
, ENT,
to have it
controlled by volume or flow.
4 mA Point
Press ENT
Inserts a
on the bottom line of the LCD which allows entry of the 4 mA point
xxxx units
value. After entering the 4 mA value, press ENT and
.
20 mA Point
Press ENT
Inserts a
on the bottom line of the LCD which allows entry of the 20 mA point
xxxx units
value. After entering the 20 mA value, press ENT and
.
Fault Mode
Press ENT
Determines the status of the 4-20 mA if a system fault is detected. Use the
Hold
to select either Hold, 22 mA, or 3.5 mA then press ENT and
.
Previous Menu
Press ENT
Reverts back to the 4-20 mA Settings menu.
to select
The 4-20 mA output can be controlled by either level, vol-
ume, or flow depending on which mode was selected in the
System Configuration Menu.
The RS-485 menu configures the Modbus digital communi-
cations port of the unit.
4-20 mA OUTPUT AND RS-485 SETTINGS
I/O Configuration Menu (RS-485 Settings)
Display
Keystroke
Comment and/or Additional Keystrokes
I/O Config
Press ENT
Enters the Relay Settings menu.
to select
Relay Settings
Press
twice
Scrolls to the Communication Port Setup submenu.
to select
Comm Port Setup
Press ENT
Enters the Communication Port Setup submenu.
to select
Address (0-247)
Press
or ENT
This screen is used to set the address for this particular unit during polling. Enter
1
the address via the keypad. Make sure that no other unit uses this same address.
Baud Rate
Press
or ENT
Set the baud rate (communication speed) for the unit. Baud rates of 9600, 4800,
9600
2400, or 1200 are available. Enter the baud rate via the keypad. This value must
match the Modbus settings of your system.
Parity
Press
or ENT
Set the parity bit at Even, Odd, or None via the keypad. This value must match
Even
the Modbus settings of your system.
Previous Menu
Press ENT
Reverts back to the Communication Port Setup.
to select
I/O CONFIGURATION MENU cont.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com