Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

301-R010-400 Datasheet(PDF) 14 Page - Magnetrol International, Inc.

Part # 301-R010-400
Description  Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level/Volume/Open Channel Flow
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

301-R010-400 Datasheet(HTML) 14 Page - Magnetrol International, Inc.

Back Button 301-R010-400 Datasheet HTML 10Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 11Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 12Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 13Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 14Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 15Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 16Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 17Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 18Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
SOFTWARE CONFIGURATION cont.
GENERAL PROGRAMMING MENUS cont.
I/O CONFIG
DNRG<Set Point
DNRG>Set Point
Level
Volume (Volume &
Level mode only)
Flow (Flow & Level
mode only)
Level
Volume (Volume &
Level mode only)
Flow (Flow & Level
mode only)
Off on Fault
Hold on Fault
Odd
Even
None
Off
1–2
1–2–3
1–2–3–4
2–3
2–3–4
22 mA
3.5 mA
Hold
Address (0-247)
Previous Menu
Parity
Baud Rate
Enable/Disable
4 mA Point
20 mA Point
Fault Mode
Previous Menu
Relay Settings
Calibrate
Gain Limit (Range 0–32)
Starting Gain (0 – Gain limit)
Echo Loss Delay (1–150)
Select Relay
Fault Relay #1 (#1 only)
Enable/Disable
Controlled by (Volume
& Flow modes only)
Relay On Point
Relay Off Point
Relay Action
Relay On Delay (0–255)
Relay Off Delay (0–255)
Fault Mode
Previous Menu
Lead-Lag Mode
4–20 mA Settings
Comm Port Setup
Enable/Disable (#1 only)
Previous Menu
ADVANCED CONFIG
Default Display
Adjust Loop Points
Enter Tag Line
Previous Menu
Previous Menu
Test Relays
Select Relay (1–4)
Gain/% Signal
DIAGNOSTICS
Enter Loop Value (3.5–22)
Test 4–20 Output
Enter Old Password
Enter New Password
Enter New Again
Previous Menu
3.5 mA offset
Change Tag
View Version
Previous Menu
Damping (1–60)
1200
2400
4800
9600
Change Password
From page 13
Flow Element
(flow mode only)
Palmer Bowlus
4"
6"
8"
10"
12"
15"
18"
21"
24"
27"
30"
H-Flume
6"
9"
12"
18"
24"
30"
36"
54"
V-notch
22.5°
30°
45°
60°
90°
120°
Parshall
1"
2"
3"
6"
9"
12"
18"
24"
36"
48"
60"
72"
96"
120"
144"
Rectangular
w/End
Contractions
Rectangular
w/o End
Contractions
Cipoletti
Manning
Custom Table
14
Controlled by
(Volume & Flow
modes only)
Level
Loop
Flow
}w/#1 as fault relay
22 mA offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com