Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

301-R010-400 Datasheet(PDF) 5 Page - Magnetrol International, Inc.

Part # 301-R010-400
Description  Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level/Volume/Open Channel Flow
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

301-R010-400 Datasheet(HTML) 5 Page - Magnetrol International, Inc.

  301-R010-400 Datasheet HTML 1Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 2Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 3Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 4Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 5Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 6Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 7Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 8Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
TRANSDUCER MOUNTING
5
CAUTION: Please read the entire installation section carefully prior to starting installation. Also read the Measurement
Range Calculations section on pages 3-4 to make sure that you have selected the proper level system for your application.
CAUTION: If equipment is used in a manner not specified by manufacturer, protection provided by equipment may be impaired.
GENERAL GUIDELINES
The unit can be provided as an integral mount Model 300
with the transducer connected to the transmitter housing, or
as a remote mount Model 301 with the transmitter mounted
as far as 500' (152 m) away from the transducer. Both the
transducer and the transmitter are approved for Class
I,
Division 1, Groups B, C, & D areas.
TRANSDUCER MOUNTING LOCATION
Proper mounting of the ultrasonic transducer is very critical
to the operation of any non-contact ultrasonic application.
Both the accuracy and the reliability of the Model 300/301
can be adversely affected if the transducer is mounted
improperly. This section must be followed carefully to make
sure that the optimum mounting location is chosen, and that
proper mounting techniques are used for the transducer.
Several factors should be considered when selecting the
transducer location:
• Inherent dead band of the transducer
• Standpipes
• Application difficulties (foam, turbulence, vapors)
• Ultrasonic beam angle
TRANSDUCER DEAD BAND
The transducer must be mounted directly over the liquid sur-
face, as shown in Figure 1. Non-contact ultrasonic instru-
ments require a “dead band” or “blind space” between the
face of the transducer and the maximum liquid level. The
minimum dead band for the Model 300/301 is 18" (457 mm).
This dead band should be taken into consideration when
mounting the transducer. If the level must be measured all
the way to the top of the tank, the transducer should be
mounted in a standpipe as shown in Figures 2 and 3.
STANDPIPES
In applications where the material level may come into the
dead band, the transducer must be mounted in a standpipe.
The diameter of the standpipe should be at least 8" (203
mm); and its length should be limited to 11" (279 mm) from
transducer face. Refer to Figure 2.
APPLICATION DIFFICULTIES
Typically the liquid surface is most turbulent at the fill point.
Foam on the other hand, is most likely to accumulate at the
opposite end of the fill. Since foam and turbulence can both
create difficulties in reflecting a strong ultrasonic signal back
into the transducer, it is best to pick a mounting location
away from these areas in the vessel.
Avoid installing the transducer in tank top openings that
exhaust heated air or vapors. The boundaries between the
vapors and the outside air often represent acoustic imped-
ance gradients that can cause troublesome sound reflec-
tions. In those installations, the transducer should be mount-
ed well away from the opening inside the tank, or in a stand-
pipe as illustrated in Figures 2 and 3.
Model 300
Air
Liquid
Dead band
18" minimum
(457 mm)
Flange
Maximum span
28.5' (8.7 m)
Figure 1
Typical Transducer Mounting
8" (203)
Minimum I.D.
2" NPT
Transducer
This end welded
or flanged
Stand
pipe
Maximum 11"
(279 mm) or less
Figure 2
Transducer Mounting in Standpipe
Figure 3
Transducer Mounting for Tanks with Exhaust



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com