Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

301-R010-400 Datasheet(PDF) 11 Page - Magnetrol International, Inc.

Part # 301-R010-400
Description  Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level/Volume/Open Channel Flow
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

301-R010-400 Datasheet(HTML) 11 Page - Magnetrol International, Inc.

Back Button 301-R010-400 Datasheet HTML 7Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 8Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 9Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 10Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 11Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 12Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 13Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 14Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 15Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
KEY FUNCTIONS FOR ENTERING INPUT
NOTE: When a line ends with an up or down arrow, that line
may be scrolled up or down.
When the symbol
is displayed on the top line, push ENT
to program this selection, or press
to proceed to the
next selection.
When the symbol
is displayed on the bottom line, push
to change the selection; then push ENT to accept.
When the symbol
is displayed on the bottom line, enter
the value, then push ENT to accept.
NOTE: Pressing DEL will back you out of the configuration
menu and return you to run mode.
NOTE:
If a key is not pressed for 5 minutes, the display
returns to the run mode.
11
OPERATOR KEYPAD
All unit configuration instructions in this manual will appear
on the instrument display. The following keys are used:
UP arrow: Scroll to the previous menu item.
DOWN arrow: Scroll to the next menu item.
ENTER:
Enter the next menu level or confirm
information of the current menu item.
DELETE: To exit or back out of the current menu
level, or delete an entry.
Numeric input of data.
Decimal point.
For entering tag line data (see page 26).
DEL
PASSWORD
A password protection system restricts access to portions of
the menu which affect the unit’s operation and configuration.
The password will be requested whenever programming
changes are requested in a menu. Once the password is
entered in a specific menu, it is not requested again until you
exit that menu and go into a different menu to make
changes.
The password can be changed to any number between 1
and 32767. This procedure is described under the ADV
CONFIG menu on page 25.
CAUTION: The Model 300/301 is shipped from the fac-
tory with the password 300. If the password is misplaced
or forgotten, please consult the factory for assistance.
ENT
0-9
•
GENERAL CONFIGURATION INSTRUCTIONS
The Model 300/301 ultrasonic non-contact transmitter con-
tains a microprocessor-based operator interface which
allows for easy configuration of level, flow, or volume control
applications. All calibration parameters for these applications
are entered via a keypad located on the front of the trans-
mitter.
The primary structure of the software is broken down into six
main menu groups as follows:
Measured Values
To view measured values
System Config
First time configuration
(Essential programming data)
I/O Config
Configure all input/output
functions
Advanced Config
Additional values that affect the
performance of the unit
Diagnostics
Test functions and unit perform-
ance data
Run mode
Normal display. The unit will
default to this display after
approximately five minutes with-
out any key stroke.
SOFTWARE CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com