Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

301-R010-400 Datasheet(PDF) 7 Page - Magnetrol International, Inc.

Part # 301-R010-400
Description  Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level/Volume/Open Channel Flow
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

301-R010-400 Datasheet(HTML) 7 Page - Magnetrol International, Inc.

Back Button 301-R010-400 Datasheet HTML 3Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 4Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 5Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 6Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 7Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 8Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 9Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 10Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 11Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
7
NOTE: Do NOT attempt to operate this unit at voltages other
than as ordered from the Model Identification as it will dam-
age the unit.
NOTE: Proper routing of the wires into the 300/301 is criti-
cal to unit operation. The power and relay wiring should be
brought into the 300/301 through the 1" NPT conduit open-
ing at the back of the unit next to the transformer. All other
wiring (transducer, 4-20 mA, and RS-485) should be routed
through the 1" NPT conduit opening in the front of the unit.
No cables should be routed through the bottom center entry
in the base of remote-mounted Model 301 units.
TRANSMITTER POWER WIRING
1. Ensure that power source is turned off from unit.
2. Pull the power supply wires through the conduit
connection.
3. Connect the positive (hot) supply wire to the L1 on ter-
minal block TB1.
4. Connect the negative (neutral) supply wire to the L2/N
on terminal bock TB1.
5. Connect the ground wire to the green screw in the
housing base.
Table 2
Wiring Colors By Country/Continent
CAUTION: This instrument is grounded through green
head screw contact in the base. The power input must
include a ground wire connected to a good earth ground.
Failure to ground the instrument may allow a shock haz-
ard to exist!
WIRING
U.S.
Europe
U.K.
Line 1 (HI)
Black
Blue
Brown
Line 2 Neutral
White
Black
Blue
Ground
Green/Yellow
Green/Yellow
Green/Yellow
Figure 4
Power Supply Board Wiring
NC
CO
NO
Relay 2 (TB3)
Relay 1 (TB2)
NO
NC
CO
L1 (+)
L2/N (–)
Input power (TB1)
NC
NO
CO
NC
NO
CO
Relay 4 (TB4)
Relay 3 (TB5)
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com