Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

301-R010-400 Datasheet(PDF) 33 Page - Magnetrol International, Inc.

Part # 301-R010-400
Description  Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level/Volume/Open Channel Flow
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

301-R010-400 Datasheet(HTML) 33 Page - Magnetrol International, Inc.

Back Button 301-R010-400 Datasheet HTML 28Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 29Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 30Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 31Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 32Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 33Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 34Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 35Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 36Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
TROUBLESHOOTING cont.
Following are troubleshooting displays which could appear on the Model 300/301.
Display
Cause
Solution
FACT PARAM FAIL
The factory parameters dealing
Press ENT to continue. This loads the default values for the
with level measurement are corrupt.
factory parameters.
TAG LINE LOSS
The tag line characters are corrupt.
Press ENT to continue. This loads the default tag line into long-term
memory. If you are using a custom tag line, the tag line must be
re-entered.
SYS PARAM FAIL
The main parameters, which store
Press ENT to continue. This loads default values for the main
range, span, and communications,
parameters. Verify all of the items in the System Config menu.
etc. are corrupt.
STRAP TABLE FAIL
There is an error in the custom
Press ENT to continue; the table is cleared. If a custom table is not
table (linear or spline) entry.
being used, then this error can be ignored. If you are using a custom
table, the table has to be re-entered.
FV PARAM FAIL
The flow or volume parameters
Reconfigure flow and volume settings.
are corrupt.
LOOP PRESET FAIL
The loop presets are corrupt.
The loop will have to be recalibrated in the Advance Config menu
under Adjust Loop Points.
RELAY PARAM FAIL
The parameters for Relays
Press ENT to continue. The relays are disabled, and the settings are
are corrupt.
set to default values. Reconfigure the relays from the I/O Config menu.
LOOP PARAM FAIL
The 4–20 mA loop parameters
Press ENT to continue. The loop is disabled and the settings are set
are corrupt.
to default values. Reconfigure the 4-20 mA from the I/O Config menu.
TRANSDUCER FAIL
The unit was not able to detect a
Ensure that the transducer is connected properly to the unit. Try
NO TRANSDUCER
transducer connected or was not
replacing the transducer. Return the unit for repair.
OR
able to determine the transducer’s
BAD TRANSDUCER
frequency.
ECHO LOSS
The unit is not able to detect a
Ensure that the level to be detected is within the range and span of
return signal from the transducer.
the unit. Check the application for foam, obstructions, or heavy
vapors.
RINGDOWN
The transducer is ringing long
Try decreasing the span to increase the dead band (range minus span)
enough to ring into the level span of
of the unit. Try replacing the transducer because the current trans-
the unit.
ducer may have a problem that causes it to ring an extra long time.
TEMPERATURE FAIL
The signal from the temperature
Check to see that the transducer wires are connected properly. Ensure
transducer in the transducer is out
that the transducer wires are not shorted or open.
of range. Either a short or open lead
detected.
INVALID PASSWORD
The password entered is not valid.
Retry the previous operation and enter the proper password.
LOOP OUT RANGE
The calculated value for the loop
If the level is within a normal operating range, adjust the loop
output is greater than 20 mA or
parameters to allow proper tracking of the level.
less than 4 mA. The loop output will
be in its fail-safe mode.
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com