Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

301-R010-400 Datasheet(PDF) 31 Page - Magnetrol International, Inc.

Part # 301-R010-400
Description  Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level/Volume/Open Channel Flow
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

301-R010-400 Datasheet(HTML) 31 Page - Magnetrol International, Inc.

Back Button 301-R010-400 Datasheet HTML 27Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 28Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 29Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 30Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 31Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 32Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 33Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 34Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 35Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
Minimum
Maximum
Maximum
Command
Register #
Comments
Decimal
Decimal
Hex
Value
Value
Value
Relay #1 Control Bits
40015
Bit 0: 1 = enable; 0 = disable
0
27
0 x 1B
Bit 1: Relay action
Relay #2 Control Bits
40016
0 = DNRG < set point
1 = DNRG > set point
Relay #3 Control Bits
40017
Bit 2: Set to 0
Relay #4 Control Bits
40018
Bit 4–3: Fault Mode: 00 = De-energize
01 = Hold
Bits 5–15: Set to 0
Diagnostic Bits
30019
Bit 0–7: Set to 0
Bit 8: 1 = No return signal; 0 = No error
Bit 9: 1 = Ringdown error; 0 = No error
Bit 10: 1 = Transducer fault; 0 = No error
Bit 11: 1 = No transducer; 0 = No error
Bit 12: 1 = Bad transducer; 0 = No error
Bit 13: 1 = Temperature fault; 0 = No error
Bit 14–15: Set to 0
(read only — functions 3 or 4)
Relay #1 Force Control Bits
40020
Bit 0: Force relay to forced state
03
3
1 = enable; 0= disable (normal operation)
Relay #2 Force Control Bits
40021
Bit 1: Forced relay state
1 = Energize; 0 = De-energize
Relay #3 Force Control Bits
40022
Bits 2–15: Set to 0
Relay #4 Force Control Bits
40023
Level Reading
30024
Level reading (level in inches x 10)
Flow/Volume Reading
30025
Flow/volume reading (x 10)
4–20 mA Reading
30026
4–20 mA reading (x 10)
Range
40027
Range value (x 10)
Span
40028
Span value (x 10)
4–20 mA Force
40029
Loop value for loop diagnostics (x 10)
35
220
0 x DC
4 mA Point
40030
4 mA Point (level in inches x 10)
0
4800
0 x 12C0
20 mA Point
40031
20 mA point (level in inches x 10)
0
4800
0 x 12C0
Relay #1 Off Point
40032
Point in inches (x 10)
0
4800
0 x 12C0
Relay #1 On Point
40033
Point in inches (x 10)
0
4800
0 x 12C0
Relay #2 Off Point
40034
Point in inches (x 10)
0
4800
0 x 12C0
Relay #2 On Point
40035
Point in inches (x 10)
0
4800
0 x 12C0
Relay #3 Off Point
40036
Point in inches (x 10)
0
4800
0 x 12C0
Relay #3 On Point
40037
Point in inches (x 10)
0
4800
0 x 12C0
Relay #4 Off Point
40038
Point in inches (x 10)
0
4800
0 x 12C0
Relay #4 On Point
40039
Point in inches (x 10)
0
4800
0 x 12C0
16-BIT REGISTER VALUES cont.
PROGRAMMING cont.
31
Lead-Lag Relay Select
Lead-Lag Relay Quantity
Description
0 x 03
2
Relays 1 & 2
0 x 07
3
Relays 1, 2, & 3
0 x 0F
4
Relays 1, 2, 3, & 4
With Relay 1 set as a Fault Relay
0 x 06
2
Relay 2 & 3
0 x 0E
3
Relay 2, 3, & 4
*LEAD-LAG GROUP SIZE (REGISTER 30003, 30004)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com