Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

301-R010-400 Datasheet(PDF) 34 Page - Magnetrol International, Inc.

Part # 301-R010-400
Description  Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level/Volume/Open Channel Flow
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

301-R010-400 Datasheet(HTML) 34 Page - Magnetrol International, Inc.

Back Button 301-R010-400 Datasheet HTML 28Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 29Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 30Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 31Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 32Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 33Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 34Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 35Page - Magnetrol International, Inc. 301-R010-400 Datasheet HTML 36Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
SPECIFICATIONS
34
TRANSMITTER SPECIFICATIONS
Description
Specification
120 Vac +10%/-15%, 50-60 Hz
Supply Voltage
240 Vac +10%/-15%, 50-60 Hz
24 Vdc +/-20%
Power Consumption
12 watts maximum
Analog output signal
4–20 mA (isolated)
Active mode
maximum 1,000
Ω loop resistance
4–20 mA (isolated)
Analog output signal
loop resistance dependent on
Passive mode
power supply
Digital output
RS–485 with Modbus
Relays
10 amp SPDT resistive (none, 2, or 4)
Fail-safe
User selectable for analog
and relay outputs
Ambient Temperature
(Electronics)
-40° F to +160° F (-40° C to +71° C)
Display
Two-line alphanumeric LCD
(16 characters per line)
Keypad
16-button
Humidity (Electronics)
99% non-condensing
Fuse (Non-replaceable)
3
⁄8 amp, 250 Vac Slo-Blo® for AC units
11⁄2 amp, 250 Vdc Slo-Blo® for DC units
TRANSDUCER SPECIFICATIONS
PERFORMANCE SPECIFICATIONS
Description
Specification
Response time
2 seconds typical
Accuracy
± 0.25% of calibrated span
Description
Specification
Transducer Frequency 38 kHz
Maximum Range
30 feet (9.1 m)
Maximum Span
28.5 feet (8.7 m)
Dead Band
18 inches (460 mm) minimum
Ambient Temperature
-40° F to +163° F (-40° C to +73° C)
(Transducer)
non-operational to +250° F (121° C)
Temperature
Automatic over range of transducer
Compensation
operating temperature
Operating Pressure
–10 to +50 psig (–0.689 to +3.45 Bar)
Beam Angle
Conical 12°
Cable length
500 feet maximum (between transducer
and electronics)
FM AGENCY APPROVALS
CSA AGENCY APPROVALS
Model
Approval
Non-hazardous environment
300-RXXX-45X,
Type 4X enclosure
301-RXXX-400
Hazardous environments
and
Class
I, Division 1, Groups B, C, & D
384-XK0X-0XX
Class
II, Division 1, Groups E, F, & G
Class
III
384-XK1X-0XX
Hazardous environments
and
Class
I, Division 1, Groups C & D
384-XKYX-0XX
Class
II, Division 1, Groups E, F, & G
Class
III
These units have been tested to EN 50081-2 and EN 50082-2 and
are in compliance with the EMC Directive 89/336/EEC.
Model
Approval
Indoors and outdoors
300-RXXX-45X,
NEMA Type 4X and IP 65
301-RXXX-400
Hazardous locations
and
Class
I, Division 1, Groups B, C, & D
384-XKXX-0XX
Class
II, Division 1, Groups E, F, & G
Class
III
3.87 (98)
Rotation
clearance
2" NPT
Process
Connection
3.00 (76) or 10.00 (254)
Insertion Length
5.93 (151)
1" NPT
(plugged)
12.25
(311)
1" NPT
8.46
(215)
2.12 (54) Insertion Diameter
2 Holes
.38 (10) Dia.
3.00
(76)
2.00
(51)
2.37
(60)
3.50
(89)
3.87 (98)
Rotation
clearance
3.75
(95)
5.93
(151)
10.68
(271)
1" NPT
1" NPT
8.46
(215)
3/4" NPT
Plug
Model 301 Remote Mount with Bracket
Model 300 Integral Mount
DIMENSIONAL SPECIFICATIONS
Inches (mm)
Figure 21
Transmitters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com