Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC87F76C8A Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LC87F76C8A
Description  FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F76C8A Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LC87F76C8A Datasheet HTML 4Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 5Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 6Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 7Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 8Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 9Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 10Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 11Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LC87F76C8A
No.A0858-8/24
Pin Description
Pin Name
I/O
Description
Option
VSS1
VSS2
VSS3
-
- power supply pin
No
VDD1
VDD2
VDD3
-
+ power supply pin
No
PORT0
P00 to P07
I/O
• 8-bit I/O port
• I/O specifiable in 4-bit units
• Pull-up resistors can be turned on and off in 4-bit units.
• Input for HOLD release
• Input for port 0 interrupt
• Shared pins
P00: UART1 transmit *
P01: UART1 receive *
P05: Clock output (system clock/subclock selectable)
P06: Timer 6 toggle output
P07: Timer 7 toggle output
* When using UART, set P0LDDR (PODDR: Bit0) to “0”
Yes
PORT1
P10 to P17
I/O
• 8-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units.
• Shared pins
P10: SIO0 data output
P11: SIO0 data input/bus I/O
P12: SIO0 clock I/O
P13: SIO1 data output
P14: SIO1 data input/bus I/O
P15: SIO1 clock I/O
P16: Timer 1 PWML output
P17: Timer 1PWMH output/beeper output
Yes
PORT3
P30 to P31
I/O
• 2-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units.
• Shared pins
P30: PWM4 output
P31: PWM5 output
Yes
PORT7
P70 to P73
I/O
• 4-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units.
• Shared pins
P70: INT0 input/HOLD release input/timer 0L capture input/watchdog timer output
P71: INT1 input/HOLD release input/timer 0H capture input
P72: INT2 input/HOLD release input/timer 0 event input/timer 0L capture input/
high speed clock counter input
P73: INT3 input (with noise filter)/timer 0 event input/timer 0H capture input/
infrared remote control receiver input
AD converter input ports: AN8 (P70), AN9 (P71)
• Interrupt acknowledge type
Rising
Falling
Rising &
Falling
H level
L level
INT0
enable
enable
disable
enable
enable
INT1
enable
enable
disable
enable
enable
INT2
enable
enable
enable
disable
disable
INT3
enable
enable
enable
disable
disable
No
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com