Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC87F76C8A Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC87F76C8A
Description  FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F76C8A Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC87F76C8A Datasheet HTML 1Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 2Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 3Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 4Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 5Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 6Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 7Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 8Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
30409HKIM 20070523-S00003 No.A0858-1/24
Ver.0.09
LC87F76C8A
Overview
The LC87F76C8A is an 8-bit microcomputer that, centered around a CPU running at a minimum bus cycle time of
83.3ns, integrates on a single chip a number of hardware features such as 128K-byte flash ROM (onboard
programmable), 4K-byte RAM, an on-chip debugger, an LCD controller/driver, a sophisticated 16-bit timer/counter
(may be divided into 8-bit timers), a 16-bit timer (may be divided into 8-bit timers or 8-bit PWMs), four 8-bit timers with
a prescaler, a base timer serving as a time-of-day clock, a day and time counter, a synchronous SIO interface (with
automatic block transmission/reception capabilities), an asynchronous/synchronous SIO interface, a UART interface (full
duplex), a 8-bit 12-channel AD converter, two 12-bit PWM channels, a high-speed clock counter, a system clock
frequency divider, a small signal detector, an infrared remote controller receiver function, and a 22-source 10-vector
interrupt feature.
Features
•
Flash ROM
• Capable of on-board-programming with a wide range of souce voltages: 3.0 to 5.5V.
• Block-erasable in 2-byte units
• 131072 × 8 bits (LC87F76C8A)
•
RAM
• 4096 × 9 bits (LC87F76C8A)
•
Minimum Bus Cycle Time
• 83.3ns (12MHz)
VDD=3.0 to 5.5V
• 125ns (8MHz)
VDD=2.5 to 5.5V
• 250ns (4MHz)
VDD=2.2 to 5.5V
Note: The bus cycle time here refers to the ROM read speed.
Ordering number : ENA0858
CMOS IC
FROM 128K byte, RAM 4K byte on-chip
8-bit 1-chip Microcontroller
* This product is licensed from Silicon Storage Technology, Inc. (USA), and manufactured and sold by
SANYO Semiconductor Co., Ltd.
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


Similar Part No. - LC87F76C8A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC87F76C8A ONSEMI-LC87F76C8A Datasheet
187Kb / 24P
8-bit 1-chip Microcontroller
May, 2013 Ver.0.09
More results

Similar Description - LC87F76C8A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A Datasheet
189Kb / 26P
CMOS IC FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F5JC8A SANYO-LC87F5JC8A Datasheet
156Kb / 25P
FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7CC8A SANYO-LC87F7CC8A Datasheet
157Kb / 21P
FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A_10 Datasheet
171Kb / 26P
FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F83C8A SANYO-LC87F83C8A Datasheet
255Kb / 31P
FROM 128K byte, RAM 6K byte on-chip 8-bit ETR Microcontroller
LC88F52H0A SANYO-LC88F52H0A Datasheet
173Kb / 31P
FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC88F58B0A SANYO-LC88F58B0A Datasheet
160Kb / 25P
FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F83B0A SANYO-LC88F83B0A Datasheet
160Kb / 25P
FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com