Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC87F76C8A Datasheet(PDF) 23 Page - Sanyo Semicon Device

Part # LC87F76C8A
Description  FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F76C8A Datasheet(HTML) 23 Page - Sanyo Semicon Device

Back Button LC87F76C8A Datasheet HTML 16Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 17Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 18Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 19Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 20Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 21Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 22Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 23Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 24Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
LC87F76C8A
No.A0858-23/24
Figure 5 Reset Circuit
Figure 6 Serial I/O Waveforms
Figure 7 Pulse Input Timing Signal Waveform
CRES
VDD
RRES
RES
Note:
Determine the value of CRES and RRES so that the reset
signal is present for a period of 200
μs after the supply
voltage goes beyond the lower limit of the IC's operating
voltage.
tPIL
tPIH
DI0
DI7
DI2
DI3
DI4
DI5
DI6
DI8
DO0
DO7
DO2
DO3
DO4
DO5
DO6
DO8
DI1
DO1
SIOCLK:
DATAIN:
DATAOUT:
DATAOUT:
DATAIN:
SIOCLK:
DATAOUT:
DATAIN:
SIOCLK:
tSCK
tSCKL
tSCKH
thDI
tsDI
tdDO
tSCKL
tSCKHA
thDI
tsDI
tdDO
Data RAM
transfer period
(SIO0 only)
Data RAM
transfer period
(SIO0 only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com