Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC87F76C8A Datasheet(PDF) 14 Page - Sanyo Semicon Device

Part # LC87F76C8A
Description  FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F76C8A Datasheet(HTML) 14 Page - Sanyo Semicon Device

Back Button LC87F76C8A Datasheet HTML 10Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 11Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 12Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 13Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 14Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 15Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 16Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 17Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 18Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LC87F76C8A
No.A0858-14/24
Electrical Characteristics at Ta = -20°C to +85°C, VSS1 = VSS2 = VSS3 = 0V
Specification
Parameter
Symbol
Pin/Remarks
Conditions
VDD[V]
min
typ
max
unit
IIH(1)
• Ports 0, 1, 3, 7, 8
• Ports A, B, C, D
• Port L
• Output disabled
• Pull-up resistor off
• VIN=VDD (including output Tr's
off leakage current)
2.2 to 5.5
1
IIH(2)
RES
VIN=VDD
2.2 to 5.5
1
IIH(3)
XT1, XT2
• When configured as input ports
• VIN=VDD
2.2 to 5.5
1
IIH(4)
CF1
VIN=VDD
2.2 to 5.5
15
4.5 to 5.5
4.2
8.5
15
High level input
current
IIH(5)
Port 87 small signal
input side
VIN=VBIS+0.5V
(VBIS denotes bias voltage)
2.2 to 4.5
1.5
5.5
10
IIL(1)
• Ports 0, 1, 3, 7, 8
• Ports A, B, C, D
• Port L
• Output disabled
• Pull-up resistor off
• VIN=VSS (including output Tr's
off leakage current)
2.2 to 5.5
-1
IIL(2)
RES
VIN=VSS
2.2 to 5.5
-1
IIL(3)
XT1, XT2
• When configured as input ports
• VIN=VSS
2.2 to 5.5
-1
IIL(4)
CF1
VIN=VSS
2.2 to 5.5
-15
4.5 to 5.5
-15
-8.5
-4.2
Low level input
current
IIL(5)
Port 87 small signal
input side
VIN=VBIS-0.5V
(VBIS denotes bias voltage)
2.2 to 4.5
-10
-5.5
-1.5
μA
VOH(1)
IOH=-1mA
4.5 to 5.5
VDD-1
VOH(2)
IOH=-0.4mA
3.0 to 5.5
VDD-0.4
VOH(3)
CMOS output ports
0, 1
IOH=-0.2mA
2.2 to 5.5
VDD-0.4
VOH(4)
IOH=-10mA
4.5 to 5.5
VDD-1.5
VOH(5)
IOH=-1.6mA
3.0 to 5.5
VDD-0.4
VOH(6)
CMOS output ports
30, 31
IOH=-1mA
2.2 to 5-5
VDD-0.4
VOH(7)
IOH=-0.4mA
3.0 to 5.5
VDD-0.4
VOH(8)
Ports 71 to 73
IOH=-0.2mA
2.2 to 5.5
VDD-0.4
VOH(9)
IOH=-1mA
4.5 to 5.5
VDD-1
VOH(10)
IOH=-0.4mA
3.0 to 5.5
VDD-0.4
High level output
voltage
VOH(11)
Ports A, B, C, D
IOH=-0.2mA
2.2 to 5.5
VDD-0.4
VOL(1)
IOL=10mA
4.5 to 5.5
1.5
VOL(2)
IOL=1.6mA
3.0 to 5.5
0.4
VOL(3)
Ports 0, 1
• Port 3 (PWM4, 5
function output
mode)
IOL=1mA
2.2 to 5.5
0.4
VOL(4)
IOL=30mA
4.5 to 5.5
1.5
VOL(5)
IOL=5mA
3.0 to 5.5
0.4
VOL(6)
Port 3
(Port function output
mode)
IOL=2.5mA
2.2 to 5.5
0.4
VOL(7)
IOL=1.6mA
3.0 to 5.5
0.4
VOL(8)
• Ports 7, 8
• XT2
IOL=1mA
2.2 to 5.5
0.4
VOL(9)
IOH=1.6mA
3.0 to 5.5
0.4
Low level output
voltage
VOL(10)
Ports A, B, C, D
IOL=1mA
2.2 to 5.5
0.4
VODLS
S0 to S31
• IO=0mA
• VLCD, 2/3VLCD
1/3VLCD level output
• See Fig. 8.
2.2 to 5.5
0
±0.2
LCD output
voltage deviation
VODLC
COM0 to COM3
• IO=0mA
• VLCD, 2/3VLCD
1/2VLCD, 1/3VLCD level output
• See Fig. 8.
2.2 to 5.5
0
±0.2
V
RLCD(1)
Resistance per
one bias resister
See Fig. 8.
2.2 to 5.5
60
LCD bias resistor
RLCD(2)
• Resistance per
one bias resister
• 1/2 resistance
mode
See Fig. 8.
2.2 to 5.5
30
k
Ω
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com