Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC87F76C8A Datasheet(PDF) 17 Page - Sanyo Semicon Device

Part # LC87F76C8A
Description  FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F76C8A Datasheet(HTML) 17 Page - Sanyo Semicon Device

Back Button LC87F76C8A Datasheet HTML 13Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 14Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 15Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 16Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 17Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 18Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 19Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 20Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 21Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LC87F76C8A
No.A0858-17/24
AD Converter Characteristics at VSS1 = VSS2 = 0V
<12bits AD Converter Mode at Ta =-30 to +70
°C>
Specification
Parameter
Symbol
Pin/Remarks
Conditions
VDD[V]
min
typ
max
unit
Resolution
N
3.0 to 5.5
12
bit
Absolute
accuracy
ET
(Note 6-1)
3.0 to 5.5
±16
LSB
4.0 to 5.5
32
100
Conversion
time
tCAD
See conversion time calculation
formulas.
(Note 6-2)
3.0 to 5.5
40
100
μs
Analog input
voltage range
VAIN
VSS
VDD
V
IAINH
VAIN=VDD
1
Analog port
input current
IAINL
AN0(P80)
to AN7(P87),
AN8(P70),
AN9(P71),
AN10(XT1),
AN11(XT2)
VAIN=VSS
5
-1
μA
<8bits AD Converter Mode at Ta =-30 to +70
°C>
Specification
Parameter
Symbol
Pin/Remarks
Conditions
VDD[V]
min
typ
max
unit
Resolution
N
3.0 to 5.5
8
bit
Absolute
accuracy
ET
(Note 6-1)
3.0 to 5.5
1.5
LSB
4.0 to 5.5
20
90
See "Conversion time calculation
method."
(Note 6-2)
3.0 to 5.5
40
90
Conversion
time
tCAD
See "Conversion time calculation
method."
(Note 6-2)
Ta=-10 to 50
°C
3.0 to 5.5
VSS
VDD
μs
Analog input
voltage range
VAIN
3.0 to 5.5
1
V
IAINH
VAIN=VDD
3.0 to 5.5
-1
Analog port
input current
IAINL
AN0(P80)
to AN7(P87),
AN8(P70),
AN9(P71),
AN10(XT1)
AN11(XT2)
VAIN=VSS
3.0 to 5.5
-1
μA
<Conversion time calculation method>
12bits AD Converter Mode: tCAD (conversion time) = ((52/(division ratio)) + 2) × (1/3)×tCYC
8bits AD Converter Mode: tCAD (conversion time) = ((32/(division ratio)) + 2) × (1/3)×tCYC
<Recommended Operating Conditions>
Conversion Time (tCAD)[
μs]
External
oscillator
FmCF[MHz]
Supply Voltage
Range
VDD[V]
System Clock
Division
(SYSDIV)
Cycle Time
tCYC [ns]
AD Frequency
Division Ratio
(ADDIV)
12-bit AD
8-bit AD
4.0 to 5.5
1/1
250
1/8
34.8
21.5
12
3.0 to 5.5
1/1
250
1/16
69.5
42.8
Note 6-1: The quantization error (±1/2LSB) is excluded from the absolute accuracy value. The absolute accuracy refers
to the accuracy that is measured while there is no change in the I/O state of the pins adjacent to the analog
input channel.
Note 6-2: The conversion time refers to the interval from the time the instruction for starting the converter is issued till
the time the complete digital- conversion-value corresponding to the analog input value is loaded in the
required register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com