Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC87F76C8A Datasheet(PDF) 20 Page - Sanyo Semicon Device

Part # LC87F76C8A
Description  FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F76C8A Datasheet(HTML) 20 Page - Sanyo Semicon Device

Back Button LC87F76C8A Datasheet HTML 16Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 17Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 18Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 19Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 20Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 21Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 22Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 23Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 24Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LC87F76C8A
No.A0858-20/24
F-ROM Programming Characteristics at Ta = +10°C to +55°C, VSS1 = VSS2 = VSS3 = 0V
Specification
Parameter
Symbol
Pin/Remarks
Conditions
VDD[V]
min
typ
max
unit
Onboard
programming
current
IDDFW(1)
VDD1
• 128-byte programming
• Erasing current included
3.0 to 5.5
mA
Programming
time
tFW(1)
• 128-byte programming
• Erasing current included
• Time for setting up 128-byte data is
excluded.
3.0 to 5.5
ms
UART (Full Duplex) Operating Conditions at Ta = -20 to +85°C, VSS1 = VSS2 = VSS3 = 0V
Specification
Parameter
Symbol
Pin/Remarks
Conditions
VDD[V]
min
typ
max
unit
Transfer rate
UBR
UTX(P00),
URX(P01)
2.2 to 5.5
16/3
8192/3
tCYC
Data length: 7/8/9 bits (LSB first)
Stop bits:
1 bit (2-bit in continuous data transmission mode)
Parity bits:
None
Example of 8-bit Data Transmission Mode Processing (Transmit Data=55H)
Example of 8-bit Data Reception Mode Processing (Receive Data=55H)
*When using UART, set P0LDDR (PODDR: Bit0) to “0”
Transmit data (LSB first)
Start of
transmission
End of
transmission
UBR
Start bit
Stop bit
UBR
Receive data (LSB first)
Start of
reception
End of
reception
Start bit
Stop bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com