Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC87F76C8A Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC87F76C8A
Description  FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F76C8A Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC87F76C8A Datasheet HTML 7Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 8Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 9Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 10Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 11Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 12Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 13Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 14Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LC87F76C8A
No.A0858-11/24
Absolute Maximum Ratings at Ta = 25°C, VSS1 = VSS2 = VSS3 = 0V
Specification
Parameter
Symbol
Pin/Remarks
Conditions
VDD[V]
min
typ
max
unit
Maximum supply
voltage
VDD max
VDD1,VDD2, VDD3
VDD1=VDD2=VDD3
-0.3
+6.5
Supply voltage for
LCD
VLCD
V1/PL4, V2/PL5,
V3/PL6
VDD1=VDD2=VDD3
-0.3
VDD
Input voltage
VI(1)
• Port L
• XT1, CF1, RES
-0.3
VDD+0.3
Input/output
voltage
VIO(1)
• Ports 0, 1, 3, 7, 8
• Ports A, B, C, D
• XT2
-0.3
VDD+0.3
V
IOPH(1)
Ports 0, 1
• CMOS output selected
• Per applicable pin
-10
IOPH(2)
Port 3
• CMOS output selected
• Per applicable pin
-20
IOPH(3)
Ports 71 to 73
Per applicable pin
-5
Peak output
current
IOPH(4)
Ports A, B, C, D
Per applicable pin
-5
IOMH(1)
Ports 0, 1
• CMOS output selected
• Per applicable pin
-7.5
IOMH(2)
Port 3
• CMOS output selected
• Per applicable pin
-15
IOMH(3)
Ports 71 to 73
Per applicable pin
-3
Average
output current
(Note 1-1)
IOMH(4)
Ports A, B, C, D
Per applicable pin
-3
ΣIOAH(1)
Ports 0, 1, 31
Total of currents at all
applicable pins
-25
ΣIOAH(2)
Port 30
Total of currents at all
applicable pins
-15
ΣIOAH(3)
Ports 0, 1, 3
Total of currents at all
applicable pins
-40
ΣIOAH(4)
Ports 71 to 73
Total of currents at all
applicable pins
-5
ΣIOAH(5)
Ports A, B
Total of currents at all
applicable pins
-25
ΣIOAH(6)
Ports C, D
Total of currents at all
applicable pins
-25
Total output
current
ΣIOAH(7)
Ports A, B, C, D
Total of currents at all
applicable pins
-45
IOPL(1)
Ports 0, 1
Per applicable pin
20
IOPL(2)
Port 3
Per applicable pin
30
IOPL(3)
• Ports 7, 8
• XT2
Per applicable pin
10
Peak output
current
IOPL(4)
Ports A, B, C, D
Per applicable pin
10
IOML(1)
Ports 0, 1
Per applicable pin
15
IOML(2)
Port 3
Per applicable pin
20
IOML(3)
• Ports 7, 8
• XT2
Per applicable pin
7.5
Average
output current
(Note 1-1)
IOML(4)
Ports A, B, C, D
Per applicable pin
7.5
mA
Note 1-1: Average output current refers to the average of output currents measured for a period of 100ms.
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com