Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC87F76C8A Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC87F76C8A
Description  FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F76C8A Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC87F76C8A Datasheet HTML 1Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 2Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 3Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 4Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 5Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 6Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 7Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 8Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LC87F76C8A
No.A0858-3/24
•
High-speed Clock Counter
1) Can count clocks with a maximum clock rate of 20MHz (at a main clock of 10MHz).
2) Can generate output real-time.
•
SIO
• SIO0: 8-bit synchronous serial interface
1) LSB first/MSB first mode selectable
2) Built-in 8-bit baudrate generator (maximum transfer clock cycle = 4/3 tCYC)
3) Automatic continuous data transmission (1 to 256 bits specifiable in 1-bit units, suspension and resumption of
data transmission possible in 1-byte units)
• SIO1: 8-bit asynchronous/synchronous serial interface
Mode 0: Synchronous 8-bit serial I/O (2- or 3-wire configuration, 2 to 512 tCYC transfer clocks)
Mode 1: Asynchronous serial I/O (half-duplex, 8-data bits, 1-stop bit, 8 to 2048 tCYC baudrates)
Mode 2: Bus mode 1 (start bit, 8-data bits, 2 to 512 tCYC transfer clocks)
Mode 3: Bus mode 2 (start detect, 8-data bits, stop detect)
•
UART
• Full duplex
• 7/8/9 bit data bits selectable
• 1 stop bit (2-bit in continuous data transmission)
• Built-in baudrate generator
* When using UART, set P0LDDR (PODDR: Bit0) to “0”
•
AD Converter: 12 bits
× 12 channels
•
PWM: Multi frequency 12-bit PWM
× 2 channels
•
Infrared Remote Control Receiver Circuit
1) Noise reduction function
(Time constant of noise reduction filter: approx. 120
μs, when selecting a 32.768kHz crystal oscillator as a
reference clock.)
2) X’tal HOLD mode cancellation function
•
Watchdog Timer
• External RC watchdog timer
• Interrupt and reset signals selectable
•
Clock Output Function
1) Can output selected oscillation clock 1/1, 1/2, 1/4, 1/8, 1/16, 1/32, or 1/64 as system clock.
2) Can output the source oscillation clock for the sub clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com