Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC87F76C8A Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC87F76C8A
Description  FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F76C8A Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC87F76C8A Datasheet HTML 1Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 2Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 3Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 4Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 5Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 6Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 7Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 8Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LC87F76C8A
No.A0858-2/24
•
Minimum Instruction Cycle Time (tCYC)
• 250ns (12MHz)
VDD=3.0 to 5.5V
• 375ns (8MHz)
VDD=2.5 to 5.5V
• 750ns (4MHz)
VDD=2.2 to 5.5V
•
Ports
• Normal withstand voltage I/O ports
Ports whose I/O direction can be designated in 1-bit units 23 (P1n, P30 to P31, P70 to P73, P8n, XT2)
Ports whose I/O direction can be designated in 4-bit units
8 (P0n)
• Normal withstand voltage input port
1 (XT1)
• LCD ports
Segment output
32 (S00 to S31)
Common output
4 (COM0 to COM3)
Bias terminals for LCD driver
3 (V1 to V3)
Other functions
Input/output ports
32 (PAn, PBn, PCn, PDn,)
Input ports
7 (PLn)
• Dedicated oscillator ports
2 (CF1, CF2)
• Reset pins
1 (RES)
• Power pins
6 (VSS1 to VSS3, VDD1 to VDD3)
•
LCD Controller
1) Seven display modes are available (static, 1/2, 1/3, 1/4 duty
× 1/2, 1/3 bias)
2) Segment output and common output can be switched to general-purpose input/output ports
•
Small Signal Detection (MIC signals etc)
1) Counts pulses with the level which is greater than a preset value
2) 2-bit counter
•
Timers
• Timer 0: 16-bit timer/counter with two capture registers.
Mode 0: 8-bit timer with an 8-bit programmable prescaler (with 8-bit capture registers)
× 2 channels
Mode 1: 8-bit timer with an 8-bit programmable prescaler (with 8-bit capture registers)
+ 8-bit counter (with two 8-bit capture registers)
Mode 2: 16-bit timer with an 8-bit programmable prescaler (with 16-bit capture registers)
Mode 3: 16-bit counter (with 16-bit capture registers)
• Timer 1: 16-bit timer that supports PWM/toggle outputs
Mode 0: 8-bit timer with an 8-bit prescaler (with toggle outputs)
+ 8-bit timer with an 8-bit prescaler (with toggle outputs)
Mode 1: 8-bit PWM with an 8-bit prescaler
× 2 channels
Mode 2: 16-bit timer/counter with an 8-bit prescaler (with toggle outputs)
(toggle outputs also possible from the lower-order 8 bits)
Mode 3: 16-bit timer with an 8-bit prescaler (with toggle outputs)
(The lower-order 8 bits can be used as PWM.)
• Timer 4: 8-bit timer with a 6-bit prescaler
• Timer 5: 8-bit timer with a 6-bit prescaler
• Timer 6: 8-bit timer with a 6-bit prescaler (with toggle output)
• Timer 7: 8-bit timer with a 6-bit prescaler (with toggle output)
• Base timer
1) The clock is selectable from the subclock (32.768kHz crystal oscillation), system clock,
and timer 0 prescaler output.
2) Interrupts programmable in 5 different time schemes
• Day and time counter
1) Used with a base timer, the day and time counter can be used as a 65000 day + minute + second counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com