Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC87F76C8A Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC87F76C8A
Description  FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F76C8A Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC87F76C8A Datasheet HTML 6Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 7Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 8Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 9Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 10Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 11Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 12Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 13Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LC87F76C8A
No.A0858-10/24
Port Output Types
The table below lists the types of port outputs and the presence/absence of a pull-up resistor.
Data can be read into any input port even if it is in the output mode.
Port Name
Option Selected
in Units of
Option Type
Output Type
Pull-up Resistor
1
CMOS
Programmable (Note)
P00 to P07
each bit
2
N-channel open drain
No
1
CMOS
Programmable
P10 to P17
each bit
2
N-channel open drain
Programmable
1
CMOS
Programmable
P30 to P31
each bit
2
N-channel open drain
Programmable
P70
-
No
N-channel open drain
Programmable
P71 to P73
-
No
CMOS
Programmable
P80 to P87
-
No
N-channel open drain
No
S0/PA0 to S31/PD7
-
No
CMOS
Programmable
COM0/PL0 to COM3/PL3
-
No
Input only
No
V1/PL4 to V3/PL6
-
No
Input only
No
XT1
-
No
Input only
No
XT2
-
No
Output for 32.768kHz crystal oscillator (Nch-open
drain when in general-purpose output mode)
No
Note: Programmable pull-up resistors for port 0 are controlled in 4 bit units (P00 to 03, P04 to 07).
*1 Connect the IC as shown below to minimize the noise input to the VDD1 pin.
Be sure to electrically short the VSS1, VSS2, and VSS3 pins.
*2 The internal memory is sustained by VDD1. If none of VDD2 and VDD3 are backed up, the high level output at the
ports are unstable in the HOLD backup mode, allowing through current to flow into the input buffer and thus
shortening the backup time.
Make sure that the port outputs are held at the low level in the HOLD backup mode.
Power
supply
LSI
VDD1
For backup *2
VDD2
VDD3
VSS3
VSS2
VSS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com