Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC87F76C8A Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LC87F76C8A
Description  FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F76C8A Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LC87F76C8A Datasheet HTML 9Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 10Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 11Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 12Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 13Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 14Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 15Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 16Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LC87F76C8A
No.A0858-13/24
Continued from preceding page.
Specification
Parameter
Symbol
Pin/Remarks
Conditions
VDD[V]
min
typ
max
unit
4.0 to 5.5
VSS
0.15VDD
+0.4
VIL(1)
• Ports 0, 3, 8
• Ports A, B, C, D
• Port L
Output disabled
2.2 to 4.0
VSS
0.2VDD
4.0 to 5.5
VSS
0.1VDD
+0.4
VIL(2)
• Port 1
• Ports 71 to 73
• Port 70 port input/
interrupt side
• Output disabled
• When INT1VTSL=0
(P71 only)
2.2 to 4.0
VSS
0.2VDD
VIL(3)
Port 71 interrupt side
• Output disabled
• When INT1VTSL=1
2.2 to 5.5
VSS
0.45VDD
VIL(4)
Port 87 small signal
input side
Output disabled
2.2 to 5.5
VSS
0.25VDD
VIL(5)
Port 70 watchdog
timer side
Output disabled
2.2 to 5.5
VSS
0.8VDD
-1.0
Low level input
voltage
VIL(6)
XT1, XT2, CF1, RES
2.2 to 5.5
VSS
0.25VDD
V
3.0 to 5.5
0.237
200
2.5 to 5.5
0.356
200
Instruction cycle
time
(Note 2-2)
tCYC
2.2 to 5.5
0.712
200
μs
3.0 to 5.5
0.1
12
2.5 to 5.5
0.1
8
• CF2 pin open
• System clock frequency
division ratio=1/1
• External system clock
DUTY50±5%
2.2 to 5.5
0.1
4
3.0 to 5.5
0.2
24.4
2.5 to 5.5
0.2
16
External system
clock frequency
FEXCF(1)
CF1
• CF2 pin open
• System clock frequency
division ratio=1/2
2.2 to 5.5
0.2
8
FmCF(1)
CF1, CF2
• 12MHz ceramic oscillation
• See figure 1.
3.0 to 5.5
12
FmCF(2)
CF1, CF2
• 8MHz ceramic oscillation
• See figure 1.
2.5 to 5.5
8
FmCF(3)
CF1, CF2
• 4MHz ceramic oscillation
• See figure 1.
2.2 to 5.5
4
FmRC
Internal RC oscillation
2.2 to 5.5
0.3
1.0
2.0
FmVMRC(1)
• Multifrequency RC source
oscillation
• VMRAJ2 to 0=4,
VMFAJ2 to 0=0,
When VMSL4M=0
2.2 to 5.5
10
FmVMRC(2)
• Multifrequency RC source
oscillation
• VMRAJ2 to 0=4,
VMFAJ2 to 0=0,
When VMSL4M=1
2.2 to 5.5
4
MHz
Oscillation
frequency range
(Note 2-3)
FsX’tal
XT1, XT2
• 32.768kHz crystal oscillation
• See figure 2.
2.2 to 5.5
32.768
kHz
OpVMRC(1)
When VMSL4M=0
2.2 to 5.5
8
10
12
Multifrequency
RC oscillation
usable range
OpVMRC(2)
When VMSL4M=1
2.2 to 5.5
3.5
4
4.5
MHz
VmADJ(1)
VMRAJn 1STEP (Wide range)
2.2 to 5.5
8
24
64
Multifrequency
RC oscillation
adjustment
range
VmADJ(2)
VMFAJn 1STEP (Narrow
range)
2.2 to 5.5
1
4
8
%
Note 2-2: Relationship between tCYC and oscillation frequency is 3/FmCF at a division ratio of 1/1 and 6/FmCF at
a division ratio of 1/2.
Note 2-3: See Tables 1 and 2 for the oscillation constants.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com