Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC87F76C8A Datasheet(PDF) 12 Page - Sanyo Semicon Device

Part # LC87F76C8A
Description  FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F76C8A Datasheet(HTML) 12 Page - Sanyo Semicon Device

Back Button LC87F76C8A Datasheet HTML 8Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 9Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 10Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 11Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 12Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 13Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 14Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 15Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 16Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LC87F76C8A
No.A0858-12/24
Continued from preceding page.
Specification
Parameter
Symbol
Pin/Remarks
Conditions
VDD[V]
min
typ
max
unit
ΣIOAL(1)
Ports 0, 1, 31
Total of currents at all
applicable pins
45
ΣIOAL(2)
Port 30
Total of currents at all
applicable pins
45
ΣIOAL(3)
Ports 0, 1, 3
Total of currents at all
applicable pins
80
ΣIOAL(4)
• Ports 7, 8
• XT2
Total of currents at all
applicable pins
20
ΣIOAL(5)
Ports A, B
Total of currents at all
applicable pins
45
ΣIOAL(6)
Ports C, D
Total of currents at all
applicable pins
45
Total output
current
ΣIOAL(7)
Ports A, B, C, D
Total of currents at all
applicable pins
80
mA
QFP80(14
×14)
290
Maximum power
dissipation
Pd max
TQFP80J(12
×12)
Ta=-20 to+70
°C
mW
Operating ambient
temperature
Topr
-20
+85
Storage ambient
temperature
Tstg
-55
+125
°C
Note 1-1: Average output current refers to the average of output currents measured for a period of 100 ms.
Allowable Operating Range at Ta = -20°C to +85°C, VSS1 = VSS2 = VSS3 = 0V
Specification
Parameter
Symbol
Pin/Remarks
Conditions
VDD[V]
min
typ
max
unit
VDD(1)
0-237
μs≤tCYC≤200μs
3.0
5.5
VDD(2)
0-356
μs≤tCYC≤200μs
2.5
5.5
Operating
supply voltage
(Note 2-1)
VDD(3)
VDD1=VDD2=VDD3
0-712
μs≤tCYC≤200μs
2.2
5.5
Memory
sustaining
supply voltage
VHD
VDD1
RAM and register contents
sustained in HOLD mode
2.0
5.5
VIH(1)
• Ports 0, 3, 8
• Ports A, B, C, D
• Port L
Output disabled
2.2 to 5.5
0.3VDD
+0.7
VDD
VIH(2)
• Port 1
• Ports 71 to 73
• Port 70 port input/
interrupt side
• Output disabled
• When INT1VTSL=0
(P71only)
2.2 to 5.5
0.3VDD
+0.7
VDD
VIH(3)
Port 71 interrupt side
• Output disabled
• When INT1VTSL=1
2.2 to 5.5
0.85VDD
VDD
VIH(4)
Port 87 small signal
input side
Output disabled
2.2 to 5.5
0.75VDD
VDD
VIH(5)
Port 70 watchdog
timer side
Output disabled
2.2 to 5.5
0.9VDD
VDD
High level input
voltage
VIH(6)
XT1, XT2, CF1, RES
2.2 to 5.5
0.75VDD
VDD
V
Note 2-1: VDD must be held greater than or equal to 3.0V in the flash ROM onboard programming mode.
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com