Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC87F76C8A Datasheet(PDF) 16 Page - Sanyo Semicon Device

Part # LC87F76C8A
Description  FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F76C8A Datasheet(HTML) 16 Page - Sanyo Semicon Device

Back Button LC87F76C8A Datasheet HTML 12Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 13Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 14Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 15Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 16Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 17Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 18Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 19Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 20Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LC87F76C8A
No.A0858-16/24
2. SIO1 Serial I/O Characteristics (Note 4-2-1)
Specification
Parameter
Symbol
Pin/Remarks
Conditions
VDD[V]
min
typ
max
unit
Frequency
tSCK(3)
2
Low level
pulse width
tSCKL(3)
1
High level
pulse width
tSCKH(3)
SCK1(P15)
See Fig.6.
2.2 to 5.5
1
Frequency
tSCK(4)
2
tCYC
Low level
pulse width
tSCKL(4)
1/2
High level
pulse width
tSCKH(4)
SCK1(P15)
• CMOS output selected
• See Fig. 6.
2.2 to 5.5
1/2
tSCK
Data setup time
tsDI(2)
0.03
Data hold time
thDI(2)
SB1(P14),
SI1(P14)
• Must be specified with respect
to rising edge of SIOCLK.
• See Fig. 6.
2.2 to 5.5
0.03
Output delay
time
tdDO(4)
SO1(P13),
SB1(P14)
• Must be specified with respect
to falling edge of SIOCLK.
• Must be specified as the time to
the beginning of output state
change in open drain output
mode.
• See Fig. 6.
2.2 to 5.5
(1/3)tCYC
+0.05
μs
Note 4-2-1: These specifications are theoretical values. Add margin depending on its use.
Pulse Input Conditions at Ta = -20°C to +85°C, VSS1 = VSS2 = VSS3 = 0V
Specification
Parameter
Symbol
Pin/Remarks
Conditions
VDD[V]
min
typ
max
unit
tPIH(1)
tPIL(1)
INT0(P70),
INT1(P71),
INT2(P72)
• Interrupt source flag can be set.
• Event inputs for timer 0 are
enabled.
2.2 to 5.5
1
tPIH(2)
tPIL(2)
INT3(P73) when
noise filter time
constant is 1/1
• Interrupt source flag can be set.
• Event inputs for timer 0 are
enabled.
2.2 to 5.5
2
tPIH(3)
tPIL(3)
INT3(P73) when
noise filter time
constant is 1/32
• Interrupt source flag can be set.
• Event inputs for timer 0 are
enabled.
2.2 to 5.5
64
tPIH(4)
tPIL(4)
INT3(P73) when
noise filter time
constant is 1/128
• Interrupt source flag can be set.
• Event inputs for timer 0 are
enabled.
2.2 to 5.5
256
tPIH(5)
tPIL(5)
MICIN(P87)
The pulses can be counted by the
small signal sensor/counter.
2.2 to 5.5
1
tCYC
tPIH(6)
tPIL(6)
RMIN(P73)
The pulses can be recognized as
signals by the infrared remote
control receiver circuit.
2.2 to 5.5
3
RMCK
(Note5-1)
High/low level
pulse width
tPIL(7)
RES
Resetting is enabled.
2.2 to 5.5
2000
μs
Note 5-1: RMCK denotes the frequency of the base clock (1tCYC to 128tCYC/subclock source oscillation frequency) for the
infrared remote control receiver circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com