Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC87F76C8A Datasheet(PDF) 19 Page - Sanyo Semicon Device

Part # LC87F76C8A
Description  FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F76C8A Datasheet(HTML) 19 Page - Sanyo Semicon Device

Back Button LC87F76C8A Datasheet HTML 15Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 16Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 17Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 18Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 19Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 20Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 21Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 22Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 23Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LC87F76C8A
No.A0858-19/24
Continued from preceding page.
Specification
Parameter
Symbol
Pin/
Remarks
Conditions
VDD[V]
min
typ
max
unit
IDDHALT(1)
4.5 to 5.5
3.7
8.2
IDDHALT(2)
HALT mode
• FmCF=12MHz ceramic oscillation
• FmX’tal=32.768kHz crystal oscillation mode
• System clock set to 12MHz side.
• Internal RC oscillation stopped
• Multifrequency RC oscillation stopped
• 1/1 frequency division ratio
3.0 to 3.6
1.9
4.3
IDDHALT(3)
4.5 to 5.5
6.4
13.9
IDDHALT(4)
3.0 to 3.6
3.8
8.8
IDDHALT(5)
HALT mode
• FmCF=8MHz ceramic oscillation mode
• FmX’tal=32.768kHz crystal oscillation mode
• System clock set to 8MHz side
• Internal RC oscillation stopped
• Multifrequency RC oscillation stopped
• 1/1 frequency division ratio
2.5 to 3.0
3.0
6.7
IDDHALT(6)
4.5 to 5.5
3.9
8.5
IDDHALT(7)
3.0 to 3.6
2.5
5.2
IDDHALT(8)
HALT mode
• FmCF=4MHz ceramic oscillation mode
• FmX’tal=32.768kHz crystal oscillation mode
• System clock set to 4MHz side
• Internal RC oscillation stopped
• Multifrequency RC oscillation stopped
• 1/2 frequency division ratio
2.2 to 3.0
2.1
4.3
IDDHALT(9)
4.5 to 5.5
0.4
0.9
IDDHALT(10)
3.0 to 3.6
0.18
0.4
IDDHALT(11)
HALT mode
• FmCF=0Hz (oscillation stopped)
• FmX’tal=32.768kHz crystal oscillation mode
• System clock set to internal RC oscillation
• Multifrequency RC oscillation stopped
• 1/2 frequency division ratio
2.2 to 3.0
0.13
0.3
IDDHALT(12)
4.5 to 5.5
3.4
7.3
IDDHALT(13)
HALT mode
• FmCF=0Hz (oscillation stopped)
• FmX’tal=32.768kHz crystal oscillation mode
• Internal RC oscillation stopped
• System clock set to 10MHz multifrequency
RC oscillation
• 1/1 frequency division ratio
3.0 to 3.6
1.7
3.7
IDDHALT(14)
4.5 to 5.5
1.7
3.9
IDDHALT(15)
3.0 to 3.6
0.8
1.8
IDDHALT(16)
HALT mode
• FmCF=0Hz (oscillation stopped)
• FmX’tal=32.768kHz crystal oscillation mode
• Internal RC oscillation stopped
• System clock set to 4MHz multifrequency RC
oscillation
• 1/1 frequency division ratio
2.2 to 3.0
0.6
1.4
mA
IDDHALT(17)
4.5 to 5.5
25.7
141.9
IDDHALT(18)
3.0 to 3.6
8.3
66.6
HALT mode
consumption
current
(Note 7-1)
IDDHALT(19)
VDD1
=VDD2
=VDD3
HALT mode
• FmCF=0Hz (oscillation stopped)
• FmX’tal=32.768kHz crystal oscillation mode
• System clock set to 32.768kHz side
• Internal RC oscillation stopped
• Multifrequency RC oscillation stopped
• 1/2 frequency division ratio
2.2 to 3.0
5.2
52.3
IDDHOLD(1)
4.5 to 5.5
0.14
28.0
IDDHOLD(2)
3.0 to 3.6
0.03
19.0
HOLD mode
consumption
current
IDDHOLD(3)
VDD1
HOLD mode
• CF1=VDD or open
(external clock mode)
2.2 to 3.0
0.03
16.0
IDDHOLD(4)
4.5 to 5.5
21.9
80
IDDHOLD(5)
3.0 to 3.6
6.3
37
Clock
HOLD mode
consumption
current
IDDHOLD(6)
VDD1
Clock HOLD mode
• CF1=VDD or open
(external clock mode)
• FmX’tal=32.768kHz crystal oscillation mode
2.2 to 3.0
3.6
30
μA
Note 7-1: The consumption current value includes none of the currents that flow into the output Tr and internal pull-up
resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com