Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC87F76C8A Datasheet(PDF) 18 Page - Sanyo Semicon Device

Part # LC87F76C8A
Description  FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F76C8A Datasheet(HTML) 18 Page - Sanyo Semicon Device

Back Button LC87F76C8A Datasheet HTML 14Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 15Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 16Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 17Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 18Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 19Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 20Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 21Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 22Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LC87F76C8A
No.A0858-18/24
Consumption Current Characteristics at Ta = -20°C to +85°C, VSS1 = VSS2 = VSS3 = 0V
Specification
Parameter
Symbol
Pin/Rema
rks
Conditions
VDD[V]
min
typ
max
unit
IDDOP(1)
4.5 to 5.5
8.2
18.0
IDDOP(2)
• FmCF=12MHz ceramic oscillation mode
• FmX’tal=32.768kHz crystal oscillation mode
• System clock set to 12MHz side
• Internal RC oscillation stopped
• Multifrequency RC oscillation stopped
• 1/1 frequency division ratio
3.0 to 3.6
4.8
10.6
IDDOP(3)
4.5 to 5.5
6.4
13.9
IDDOP(4)
3.0 to 3.6
3.8
8.8
IDDOP(5)
• FmCF=8MHz ceramic oscillation mode
• FmX’tal=32.768kHz crystal oscillation mode
• System clock set to 8MHz side
• Internal RC oscillation stopped
• Multifrequency RC oscillation stopped
• 1/1 frequency division ratio
2.5 to 3.0
3.0
6.7
IDDOP(6)
4.5 to 5.5
3.9
8.5
IDDOP(7)
3.0 to 3.6
2.5
5.2
IDDOP(8)
• FmCF=4MHz ceramic oscillation mode
• FmX’tal=32.768kHz crystal oscillation mode
• System clock set to 4MHz side
• Internal RC oscillation stopped
• Multifrequency RC oscillation stopped
• 1/2 frequency division ratio
2.2 to 3.0
2.1
4.3
IDDOP(9)
4.5 to 5.5
0.7
1.6
IDDOP(10)
3.0 to 3.6
0.4
0.9
IDDOP(11)
• FmCF=0Hz (oscillation stopped)
• FmX’tal=32.768kHz crystal oscillation mode
• System clock set to internal RC oscillation
• Multifrequency RC oscillation stopped
• 1/2 frequency division ratio
2.2 to 3.0
0.3
0.7
IDDOP(12)
4.5 to 5.5
7.6
16.7
IDDOP(13)
• FmCF=0Hz (oscillation stopped)
• FmX’tal=32.768kHz crystal oscillation mode
• Internal RC oscillation stopped
• System clock set to 10MHz multifrequency
RC oscillation
• 1/1 frequency division ratio
3.0 to 3.6
4.3
9.5
IDDOP(14)
4.5 to 5.5
4.1
8.9
IDDOP(15)
3.0 to 3.6
2.3
5.0
IDDOP(16)
• FmCF=0Hz (oscillation stopped)
• FmX’tal=32.768kHz crystal oscillation mode
• Internal RC oscillation stopped
• System clock set to 4MHz multifrequency
RC oscillation
• 1/1 frequency division ratio
2.2 to 3.0
2.0
4.1
mA
IDDOP(17)
4.5 to 5.5
41.8
171.4
IDDOP(18)
3.0 to 3.6
17.7
84.3
Normal mode
consumption
current
(Note 7-1)
IDDOP(19)
VDD1
=VDD2
=VDD3
• FmCF=0Hz (oscillation stopped)
• FmX’tal=32.768kHz crystal oscillation mode
• System clock set to 32.768kHz side
• Internal RC oscillation stopped
• Multifrequency RC oscillation stopped
• 1/2 frequency division ratio
2.2 to 3.0
13
67.2
μA
Note 7-1: The consumption current value includes none of the currents that flow into the output Tr and internal pull-up
resistors.
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com