Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F23 Datasheet(PDF) 64 Page - Holtek Semiconductor Inc

Part # HT45F23
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F23 Datasheet(HTML) 64 Page - Holtek Semiconductor Inc

Back Button HT45F23 Datasheet HTML 60Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 61Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 62Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 63Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 68Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 152 page
background image
internal clock cycle occurs, the Timer/Event Counter increments by one. When it is full and overflows,
an interrupt signal is generated and the Timer/Event Counter will reload the value already loaded into
the preload register and continue counting. The interrupt can be disabled by ensuring that the
Timer/Event Counter Interrupt Enable bit in the Interrupt Control Register, INTC0, is reset to zero.
Configuring the Event Counter Mode
In this mode, a number of internally changing logic events, occurring on the internal comparators
output, can be recorded by the Timer/Event Counter. To operate in this mode, the Operating Mode
Select bit pair, T0M1/T0M0 or T1M1/T1M0, in the Timer Control Register must be set to the correct
value as shown.
Control Register Operating Mode
Select Bits for the Event Counter Mode
Bit7
Bit6
0
0/1
In this mode, the comparator output, CMP1OP or CMP2OP, is used as the Timer/Event Counter clock
source, however it is not divided by the internal prescaler. After the other bits in the Timer Control
Register have been setup, the enable bit T0ON or T1ON, which is bit 4 of the Timer Control Register,
can be set high to enable the Timer/Event Counter to run. If the Active Edge Select bit T0E or T1E,
which is bit 3 of the Timer Control Register, is low, the Timer/Event Counter will increment each time
the external timer pin receives a low to high transition. If the Active Edge Select bit is high, the counter
will increment each time the external timer pin receives a high to low transition. When it is full and
overflows, an interrupt signal is generated and the Timer/Event Counter will reload the value already
loaded into the preload register and continue counting. The interrupt can be disabled by ensuring that
the Timer/Event Counter Interrupt Enable bit in the Interrupt Control Register, INTC0, is reset to zero.
It should be noted that in the internal event counting mode, even if the microcontroller is in the Power
Down Mode, the Timer/Event Counter will continue to record externally changing logic events on the
timer input pin. As a result when the timer overflows it will generate a timer interrupt and
corresponding wake-up source.
Configuring the Pulse Width Measurement Mode
In this mode, the Timer/Event Counter can be utilised to measure the width of external pulses applied
to the external timer pin. To operate in this mode, the Operating Mode Select bit pair, T0M1/T0M0 or
T1M1/T1M0, in the Timer Control Register must be set to the correct value as shown.
Control Register Operating Mode Select
Bits for the Pulse Width Measurement Mode
Bit7
Bit6
11
In this mode the internal clock, fSYS , is used as the internal clock for 8-bit Timer/Event Counter 0 and
fSUB or fSYS/4 is used as the internal clock for 16-bit Timer/Event Counter 1. However, the clock source,
fSYS, for 8-bit timer is further divided by a prescaler, the value of which is determined by the Prescaler
Rate Select bits T0PSC2~T0PSC0, which are bits 2~0 in the Timer Control Register. After the other
bits in the Timer Control Register have been setup, the enable bit T0ON or T1ON, which is bit 4 of the
Rev. 1.20
64
September 15, 2011
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
T i m e r + 2
E x t e r n a l E v e n t o r
I n t e r n a l E v e n t
I n c r e m e n t
T i m e r C o u n t e r
T i m e r + 3
T i m e r + 1
Event Counter Mode Timing Chart (TnE=1)
I n c r e m e n t
T i m e r C o n t r o l l e r
P r e s c a l e r O u t p u t
T i m e r + 1
T i m e r + 2
T i m e r + N
T i m e r + N + 1
Timer Mode Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com