Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F23 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT45F23
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F23 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT45F23 Datasheet HTML 1Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 2Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 3Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 152 page
background image
Program Counter Low Register
- PCL..................................................................30
Look-up Table Registers
- TBLP, TBLH................................................................30
Status Register
- STATUS ...................................................................................31
EEPROM Data Memory .....................................................................32
EEPROM Data Memory Structure ........................................................................32
EEPROM Registers..............................................................................................32
Reading Data from the EEPROM .........................................................................33
Writing Data to the EEPROM ...............................................................................33
Write Protection ....................................................................................................34
EEPROM Interrupt ...............................................................................................34
Programming Considerations ...............................................................................34
Programming Examples .......................................................................................34
Oscillator............................................................................................35
Oscillator Overview...............................................................................................35
System Clock Configurations................................................................................35
External Crystal/ Ceramic Oscillator
- HXT ..........................................................36
External RC Oscillator
- ERC...............................................................................37
External Oscillator
- EC........................................................................................37
Internal RC Oscillator
- HIRC...............................................................................37
External 32.768kHz Crystal Oscillator
- LXT ........................................................37
LXT Oscillator Low Power Function ......................................................................38
Internal 32kHz Oscillator
- LIRC...........................................................................39
Supplementary Oscillators....................................................................................39
Operating Modes and System Clocks .............................................39
System Clocks......................................................................................................39
System Operation Modes .....................................................................................40
Control Register ...................................................................................................42
Fast Wake-up .......................................................................................................43
Operating Mode Switching and Wake-up..............................................................44
NORMAL Mode to SLOW Mode Switching...........................................................45
SLOW Mode to NORMAL Mode Switching...........................................................46
Entering the SLEEP0 Mode..................................................................................46
Entering the SLEEP1 Mode..................................................................................47
Entering the IDLE0 Mode .....................................................................................47
Entering the IDLE1 Mode .....................................................................................47
Standby Current Considerations...........................................................................48
Wake-up...............................................................................................................48
Programming Considerations ...............................................................................49
Watchdog Timer ................................................................................49
Watchdog Timer Clock Source .............................................................................49
Watchdog Timer Control Register.........................................................................50
Watchdog Timer Operation...................................................................................50
Contents
Rev. 1.20
3
September 15, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com