Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F23 Datasheet(PDF) 65 Page - Holtek Semiconductor Inc

Part # HT45F23
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F23 Datasheet(HTML) 65 Page - Holtek Semiconductor Inc

Back Button HT45F23 Datasheet HTML 61Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 62Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 63Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 69Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 152 page
background image
Timer Control Register, can be set high to enable the Timer/Event Counter, however it will not
actually start counting until an active edge is received on the external timer pin.
If the Active Edge Select bit T0E or T1E, which is bit 3 of the Timer Control Register, is low, once a
high to low transition has been received on the external timer pin, TMR0 or TMR1, the Timer/Event
Counter will start counting until the external timer pin returns to its original high level. At this point the
enable bit will be automatically reset to zero and the Timer/Event Counter will stop counting. If the
Active Edge Select bit is high, the Timer/Event Counter will begin counting once a low to high
transition has been received on the external timer pin and stop counting when the external timer pin
returns to its original low level. As before, the enable bit will be automatically reset to zero and the
Timer/Event Counter will stop counting. It is important to note that in the Pulse Width Measurement
Mode, the enable bit is automatically reset to zero when the external control signal on the external
timer pin returns to its original level, whereas in the other two modes the enable bit can only be reset to
zero under program control.
The residual value in the Timer/Event Counter, which can now be read by the program, therefore
represents the length of the pulse received on the external timer pin. As the enable bit has now been
reset, any further transitions on the external timer pin will be ignored. Not until the enable bit is again
set high by the program can the timer begin further pulse width measurements. In this way, single shot
pulse measurements can be easily Made.
It should be noted that in this mode the Timer/Event Counter is controlled by logical transitions on the
external timer pin and not by the logic level. When the Timer/Event Counter is full and overflows, an
interrupt signal is generated and the Timer/Event Counter will reload the value already loaded into the
preload register and continue counting. The interrupt can be disabled by ensuring that the Timer/Event
Counter Interrupt Enable bit in the Interrupt Control Register, INTC0, is reset to zero.
As the external timer pin is shared with an I/O pin, to ensure that the pin is configured to operate as a
pulse width measurement pin, two things have to happen. The first is to ensure that the Operating
Mode Select bits in the Timer Control Register place the Timer/Event Counter in the Pulse Width
Measurement Mode, the second is to ensure that the port control register configures the pin as an input.
Programmable Frequency Divider
- PFD
The Programmable Frequency Divider provides a means of producing a variable frequency output
suitable for applications requiring a precise frequency generator.
The PFD output is pin-shared with the I/O pin PA5. The PFD function is enabled via PFDEN bit in
MISC register, however, if not enabled, the pin can operate as a normal I/O pin.
The clock source for the PFD circuit can originate from either the timer 0 or timer 1 overflow signal
selected via PFDSELbit in MISC register. The output frequency is controlled by loading the required
values into the timer registers and prescaler registers to give the required division ratio. The timer will
begin to count-up from this preload register value until full, at which point an overflow signal is
generated, causing the PFD output to change state. The timer will then be automatically reloaded with
the preload register value and continue counting-up.
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
65
September 15, 2011
+ 1
+ 2
+ 3
+ 4
T i m e r
E x t e r n a l T C n
P i n I n p u t
T n O N - w i t h T n E = 0
P r e s c a l e r O u t p u t
I n c r e m e n t
T i m e r C o u n t e r
P r e s c a l e r O u t p u t i s s a m p l e d a t e v e r y f a l l i n g e d g e o f T 1 .
Pulse Width Capture Mode Timing Chart (TnE=0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com