Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F23 Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT45F23
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F23 Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT45F23 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 23Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 24Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 25Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 26Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 152 page
background image
· Location 008H
This vector is used by the external interrupt 1. If the external interrupt pin receives an active edge,
the program will jump to this location and begin execution if the external interrupt is enabled and the
stack is not full.
· Location 00CH
This internal vector is used by the Timer/Event Counter 0. If a Timer/Event Counter 0 overflow
occurs, the program will jump to this location and begin execution if the timer/event counter
interrupt is enabled and the stack is not full.
· Location 010H
This internal vector is used by the Timer/Event Counter 1. If a Timer/Event Counter 1 overflow
occurs, the program will jump to this location and begin execution if the timer/event counter
interrupt is enabled and the stack is not full.
· Location 014H
This internal vector is used by the SPI/I
2C interrupt. When either an SPI or I2C bus, dependent upon
which one is selected, requires data transfer, the program will jump to this location and begin
execution if the SPI/I
2C interrupt is enabled and the stack is not full.
· Location 018H
This internal vector is used by the Multi-function Interrupt. When the Time Base overflows, the A/D
converter completes its conversion process, an active edge appears on the External Peripheral
interrupt pin, a Comparator output interrupt, an EEPROM Write or Read cycle ends interrupt, or a
LVD detection interrupt, the program will jump to this location and begin execution if the relevant
interrupt is enabled and the stack is not full.
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
23
September 15, 2011
N o t I m p l e m e n t e d
1 5 b i t s
0 1 4 H
I n i t i a l i s a t i o n
V e c t o r
E x t e r n a l I N T 0
I n t e r r u p t V e c t o r
T i m e r C o u n t e r 0
I n t e r r u p t V e c t o r
S P I / I 2 C
I n t e r r u p t V e c t o r
0 0 0 H
0 0 4 H
0 0 8 H
0 0 C H
0 1 0 H
0 1 8 H
7 F F H
E x t e r n a l I N T 1
I n t e r r u p t V e c t o r
T i m e r C o u n t e r 1
I n t e r r u p t V e c t o r
M u l t i _ F u n c t i o n
I n t e r r u p t V e c t o r
Program Memory Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com