Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F23 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT45F23
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F23 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT45F23 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 152 page
background image
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS1
System Clock (Crystal OSC,
ERC OSC, HIRC OSC)
¾
2.2V~5.5V
400
¾
4000
kHz
3.3V~5.5V
400
¾
8000
kHz
4.5V~5.5V
400
¾
12000
kHz
fSYS2
System Clock
(32768Hz Crystal OSC)
¾
2.2V~5.5V
¾
32768
¾
Hz
fLXT
System Clock (LXT)
¾¾
¾
32768
¾
Hz
fERC
4MHz External RC OSC
(Note 4)
3.3V
R=150k
W, Ta=25°C
-2%
4
+2%
MHz
3.3V
R=150k
W, Ta=-40~85°C
-8%
4
+8%
MHz
2.7V~
5.5V
R=150k
W, Ta=-40~85°C
-15%
4
+15%
MHz
f8MIRC
8MHz Internal RC OSC
3.3V
Ta=25
°C
-2%
8
+2%
MHz
3.3V
Ta=-40~85
°C
-5%
8
+5%
MHz
2.7V~
5.5V
Ta=-40~85
°C
-10%
8
+10%
MHz
f4MIRC
4MHz Internal RC OSC
3.3V
Ta=25
°C
-2%
4
+2%
MHz
3.3V
Ta=-40~85
°C
-5%
4
+5%
MHz
2.7V~
5.5V
Ta=-40~85
°C
-10%
4
+10%
MHz
f2MIRC
2MHz Internal RC OSC
3.3V
Ta=25
°C
-2%
2
+2%
MHz
3.3V
Ta=-40~85
°C
-5%
2
+5%
MHz
2.7V~
5.5V
Ta=-40~85
°C
-10%
2
+10%
MHz
f910KIRC
910kHz Internal RC OSC
3.3V
Ta=25
°C
-2%
0.91
+2%
MHz
3.3V
Ta=-40~85
°C
-5%
0.91
+5%
MHz
2.7V~
5.5V
Ta=-40~85
°C
-10%
0.91
+10%
MHz
tRC32K
32678 RC Period
3V
¾
28.10
31.25
34.40
ms
tRES
External Reset Low Pulse
Width
¾¾
1
¾¾
ms
tLVR
Low Voltage width to Reset
¾¾
120
240
480
tSUB
tLVD
Low Voltage width to Interrupt
¾¾
1
¾
2
tSUB
tLVDS
LVDO Stable Time
5V
LVR disable, LVD enable,
VBG is ready
¾¾
100
ms
tSST1
System start-up timer period
(W/O fast start-up) of
XTAL/TBC
¾
Power up or wake-up from
Sleep mode
¾
1024
¾
tSYS*
(Note 1)
tSST2
System start-up timer period
of ERC, HIRC, EC, LIRC
¾
Power up or wake-up from
HALT (Idle or Sleep mode)
¾
12
tSYS
Rev. 1.20
16
September 15, 2011
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com