Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F23 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT45F23
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F23 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT45F23 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 152 page
background image
Comparator Electrical Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDDC
Comparator Operating Voltage
¾¾
2.2
¾
5.5
V
IDDC
Comparator Operating Current
(HT45F23)
3.3V
¾¾
20
40
mA
5V
¾¾
30
60
mA
Comparator Operating Current
(HT45F43)
5V
¾¾
14
mA
VOPOS1 Comparator Input Offset Voltage
5V
CxOF4~0=(10000)
-10
¾
+10
mV
VOPOS2 Comparator Input Offset Voltage
5V
By calibration
-4
¾
+4
mV
VCM
Comparator Common Mode Voltage
Range
¾¾
VSS
¾
VDD-1.4
V
AOL
Comparator Open Loop Gain
¾¾
60
80
¾
dB
tPD1
Comparator Response Time
(HT45F23)
¾
With 2mV overdrive
¾¾
2
ms
Comparator Response Time
(HT45F43)
¾
With 2mV overdrive
¾¾
10
ms
tPD2
Comparator Response Time
(HT45F23)
¾
With 10mV overdrive
¾¾
1.5
ms
LDO 2.4V
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDDIN
Supply Voltage
¾¾
3.0
3.3
3.6
mV
VDDOUT
Output Voltage
¾¾
-5%
2.4
5%
V
IDD
Current Consumption
¾
After startup, no load
¾
30
¾mA
LDO 3.3V
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDDIN
Supply Voltage
¾¾
4.5
5.0
5.5
mV
VDDOUT
Output Voltage
¾¾
-5%
3.3
5%
V
IDD
Current Consumption (HT45F23)
¾
After startup, no load
¾
50
¾mA
Current Consumption (HT45F43)
¾
After startup, no load
¾
7
¾mA
IREF
Driving Current
VDDIN=5V, VCAP=1
mF
200
¾¾
mA
Note:
1. This LDO can provide stable power supply for PIR sensor with a 10
mF cap
2. The VREF pin should be connected to 10
mF for ADC reference voltage and 10mF for PIR sensor.
Rev. 1.20
18
September 15, 2011
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com