Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F23 Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT45F23
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F23 Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT45F23 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 23Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 24Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 25Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 26Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 27Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 152 page
background image
Look-up Table
Any location within the Program Memory can be defined as a look-up table where programmers can
store fixed data. To use the look-up table, the table pointer must first be setup by placing the lower
order address of the look up data to be retrieved in the table pointer register, TBLP. This register
defines the lower 8-bit address of the look-up table.
After setting up the table pointer, the table data can be retrieved from the current Program Memory
page or last Program Memory page using the
²TABRDC[m]² or ²TABRDL [m]² instructions,
respectively. When these instructions are executed, the lower order table byte from the Program
Memory will be transferred to the user defined Data Memory register [m] as specified in the
instruction. The higher order table data byte from the Program Memory will be transferred to the
TBLH special register. Any unused bits in this transferred higher order byte will be read as
²0².
The following diagram illustrates the addressing/data flow of the look-up table:
Rev. 1.20
24
September 15, 2011
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Instruction
Table Location Bits
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
TABRDC [m]
PC10
PC9
PC8
@7
@6
@5
@4
@3
@2
@1
@0
TABRDL [m]
1
1
1
@7
@6
@5
@4
@3
@2
@1
@0
Table Location
Note:
PC10~PC8: Current Program Counter bits
@7~@0: Table Pointer TBLP bits
R e g i s t e r T B L H
U s e r S e l e c t e d
R e g i s t e r
H i g h B y t e
L o w B y t e
L a s t p a g e o r
p r e s e n t p a g e
P C x ~ P C 8
P C H i g h B y t e
T B L P R e g i s t e r
D a t a
1 5 b i t s
P r o g r a m M e m o r y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com