Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F23 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT45F23
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F23 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT45F23 Datasheet HTML 35Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 36Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 37Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 38Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 39Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 40Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 41Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 42Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 152 page
background image
It should be noted that, no matter what condition the LXTLP bit is set to, the LXT oscillator will always
function normally, the only difference is that it will take more time to start up if in the Low-power
mode.
Internal 32kHz Oscillator
- LIRC
The Internal 32kHz System Oscillator is one of the low frequency oscillator choices, which is selected
via configuration option. It is a fully integrated RC oscillator with a typical frequency of 32kHz at 5V,
requiring no external components for its implementation. Device trimming during the manufacturing
process and the inclusion of internal frequency compensation circuits are used to ensure that the
influence of the power supply voltage, temperature and process variations on the oscillation frequency
are minimised. As a result, at a power supply of 5V and at a temperature of 25
°C degrees, the fixed
oscillation frequency of 32kHz will have a tolerance within 10%.
Supplementary Oscillators
The low speed oscillators, in addition to providing a system clock source are also used to provide a
clock source to two other device functions. These are the Watchdog Timer and the Time Base
Interrupts.
Operating Modes and System Clocks
Present day applications require that their microcontrollers have high performance but often still
demand that they consume as little power as possible, conflicting requirements that are especially true
in battery powered portable applications. The fast clocks required for high performance will by their
nature increase current consumption and of course vice-versa, lower speed clocks reduce current
consumption. As Holtek has provided these devices with both high and low speed clock sources and
the means to switch between them dynamically, the user can optimise the operation of their
microcontroller to achieve the best performance/power ratio.
System Clocks
The device has many different clock sources for both the CPU and peripheral function operation. By
providing the user with a wide range of clock options using configuration options and register
programming, a clock system can be configured to obtain maximum application performance.
The main system clock, can come from either a high frequency, fH, or low frequency, fL, source, and is
selected using the HLCLK bit and CKS2~CKS0 bits in the SMOD register. The high speed system
clock can be sourced from either an HXT, ERC, EC or HIRC oscillator, selected via a configuration
option. The low speed system clock source can be sourced from internal clock fL.IffL is selected then it
can be sourced by either the LXT or LIRC oscillators, selected via a configuration option. The other
choice, which is a divided version of the high speed system oscillator has a range of fH/2~fH/64.
There are two additional internal clocks for the peripheral circuits, the substitute clock, fSUB, and the
Period Time Clock, fTBC. Each of these internal clocks are sourced by either the LXT or LIRC
oscillators, selected via configuration options. The fSUB clock is used to provide a substitute clock for
the microcontroller just after a wake-up has occurred to enable faster wake-up times.
Together with fSYS/4 it is also used as one of the clock sources for the Watchdog timer. The fTB clock is
used as a source for the Time Base 0/1 interrupt functions.
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
39
September 15, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com