Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F23 Datasheet(PDF) 27 Page - Holtek Semiconductor Inc

Part # HT45F23
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F23 Datasheet(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HT45F23 Datasheet HTML 23Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 24Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 25Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 26Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 27Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 28Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 29Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 30Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 152 page
background image
RAM Data Memory
The Data Memory is a volatile area of 8-bit wide RAM internal memory and is the location where
temporary information is stored.
Structure
Divided into two sections, the first of these is an area of RAM where special function registers are
located. These registers have fixed locations and are necessary for correct operation of the device.
Many of these registers can be read from and written to directly under program control, however, some
remain protected from user manipulation. The second area of Data Memory is reserved for general
purpose use. All locations within this area are read and write accessible under program control.
The overall Data Memory is subdivided into two banks. The Special Purpose Data Memory registers
are accessible in all banks, with the exception of the EEC register at address 40H, which is only
accessible in Bank 1. Switching between the different Data Memory banks is achieved by setting the
Bank Pointer to the correct value. The start address of the Data Memory is the address
²00H².
All microcontroller programs require an area of read/write memory where temporary data can be
stored and retrieved for use later. It is this area of RAM memory that is known as General Purpose Data
Memory. This area of Data Memory is fully accessible by the user program for both read and write
operations. By using the
²SET [m].i² and ²CLR [m].i² instructions individual bits can be set or reset
under program control giving the user a large range of flexibility for bit manipulation in the Data
Memory.
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
27
September 15, 2011
S p e c i a l
P u r p o s e
R e g i s t e r s
B F H
I A R 0
0 0 H
B a n k 0
B a n k 1
M P 0
0 1 H
I A R 0
M P 0
4 0 H
E E C
G e n e r a l
P u r p o s e
R e g i s t e r s
3 F H
: U n u s e d , r e a d a s " 0 0 "
Data Memory Structure
Note:
Most of the Data Memory bits can be directly manipulated using the
²SET [m].i² and ²CLR [m].i² with the
exception of a few dedicated bits. The Data Memory can also be accessed through the memory pointer
registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com