Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F23 Datasheet(PDF) 78 Page - Holtek Semiconductor Inc

Part # HT45F23
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F23 Datasheet(HTML) 78 Page - Holtek Semiconductor Inc

Back Button HT45F23 Datasheet HTML 74Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 75Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 76Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 77Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 78Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 79Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 80Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 81Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 82Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 152 page
background image
fSYS
A/D Clock Period (tADCK)
ADCS2,
ADCS1,
ADCS0
= 100
(fSYS)
ADCS2,
ADCS1,
ADCS0
= 000
(fSYS/2)
ADCS2,
ADCS1,
ADCS0
= 101
(fSYS/4)
ADCS2,
ADCS1,
ADCS0
= 001
(fSYS/8)
ADCS2,
ADCS1,
ADCS0
=110
(fSYS/16)
ADCS2,
ADCS1,
ADCS0
= 010
(fSYS/32)
ADCS2,
ADCS1,
ADCS0
= 111
=011
1MHz
1
ms2ms4ms8ms16ms32ms
Undefined
2MHz
500ns
1
ms2ms4ms8ms16ms
Undefined
4MHz
250ns*
500ns
1
ms2ms4ms8ms
Undefined
8MHz
125ns*
250ns*
500ns
1
ms2ms4ms
Undefined
12MHz
83ns*
167ns*
333ns*
667ns
1.33
ms
2.67
ms
Undefined
A/D Clock Period Examples
Controlling the power on/off function of the A/D converter circuitry is implemented using the
ADONB bit in the ACSR register. This bit must be zero to power on the A/D converter. When the
ADONB bit is cleared to zero to power on the A/D converter internal circuitry a certain delay, as
indicated in the timing diagram, must be allowed before an A/D conversion is initiated. Even if no pins
are selected for use as A/D inputs by clearing the PCR5~PCR0 bits in the ADPCR register, if the
ADONB bit is zero then some power will still be consumed. In power conscious applications it is
therefore recommended that the ADONB is set high to reduce power consumption when the A/D
converter function is not being used.
The reference voltage supply to the A/D Converter can be supplied from either the positive power
supply pin, VDD, or from an external reference sources supplied on pin VREF. The desired selection is
made using the VRSEL bit. As the VREF pin is pin-shared with other functions, when the VRSEL bit
is set high, the VREF pin function will be selected and the other pin functions will be disabled
automatically.
A/D Input Pins
The A/D analog input pins are pin-shared with the I/O pins on Port B and Port C as well as other
functions. The PCR5~ PCR0 bits in the ADPCR register, determine whether the input pins are setup as
A/D converter analog inputs or whether they have other functions. If the PCR5~ PCR0 bits for its
corresponding pin is set high then the pin will be setup to be an A/D converter input and the original
pin functions disabled. In this way, pins can be changed under program control to change their function
between A/D inputs and other functions. All pull-high resistors, which are setup through register
programming, will be automatically disconnected if the pins are setup as A/D inputs. Note that it is not
necessary to first setup the A/D pin as an input in the PBC or PCC port control register to enable the
A/D input as when the PCR5~ PCR0 bits enable an A/D input, the status of the port control register
will be overridden.
Rev. 1.20
78
September 15, 2011
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
A N 0
A N 5
P C 4 / V R E F
V D D
V R S E L
V R E F
1 2 - b i t A D C
I n p u t V o l t a g e
A C S 2 ~
A C S 0
O P A 1 o u t p u t
O P A 2 o u t p u t
A/D Input Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com