Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F23 Datasheet(PDF) 69 Page - Holtek Semiconductor Inc

Part # HT45F23
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F23 Datasheet(HTML) 69 Page - Holtek Semiconductor Inc

Back Button HT45F23 Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 70Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 71Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 72Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 73Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 152 page
background image
When the Timer/Event counter overflows, its corresponding interrupt request flag in the interrupt
control register will be set. If the timer interrupt is enabled this will in turn generate an interrupt signal.
However irrespective of whether the interrupts are enabled or not, a Timer/Event counter overflow
will also generate a wake-up signal if the device is in a Power-down condition. This situation may
occur if the Timer/Event Counter is in the Event Counting Mode and if the external signal continues to
change state. In such a case, the Timer/Event Counter will continue to count these external events and
if an overflow occurs the device will be woken up from its Power-down condition. To prevent such a
wake-up from occurring, the timer interrupt request flag should first be set high before issuing the
HALT instruction to enter the Power Down Mode.
Timer Program Example
This program example shows how the Timer/Event Counter registers are setup, along with how the
interrupts are enabled and managed. Note how the Timer/Event Counter is turned on, by setting bit 4 of
the Timer Control Register. The Timer/Event Counter can be turned off in a similar way by clearing the
same bit. This example program sets the Timer/Event Counter to be in the timer mode, which uses the
internal system clock as the clock source.
org 04h
; external interrupt vector
org 0ch
; Timer/Event Counter 0 interrupt vector
jmp tmrint
; jump here when the Timer/Event Counter 0 overflows
:
org 20h
; main program
;internal Timer/Event Counter 0 interrupt routine
:
tmrint:
; Timer/Event Counter 0 main program placed here
:
reti:
:
begin:
;setup Timer 0 registers
mov a,09bh
; setup Timer 0 preload value
mov tmr0,a;
mov a,081h
; setup Timer 0 control register
mov tmr0c,a
; timer mode and prescaler set to /2
; setup interrupt register
mov a,009h
; enable master interrupt and timer interrupt
mov intc0,a
set tmr0c.4
; start Timer/Event Counter 0 - note mode bits must be previously
; setup
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
69
September 15, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com