Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F23 Datasheet(PDF) 28 Page - Holtek Semiconductor Inc

Part # HT45F23
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F23 Datasheet(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT45F23 Datasheet HTML 24Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 25Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 26Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 27Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 28Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 29Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 30Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 31Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 32Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 152 page
background image
Special Function Registers
Most of the Special Function Register details will be described in the relevant functional section,
however several registers require a separate description in this section.
Indirect Addressing Registers
- IAR0, IAR1
The Indirect Addressing Registers, IAR0 and IAR1, although having their locations in normal RAM
register space, do not actually physically exist as normal registers. The method of indirect addressing
for RAM data manipulation uses these Indirect Addressing Registers and Memory Pointers, in
contrast to direct memory addressing, where the actual memory address is specified. Actions on the
IAR0 and IAR1 registers will result in no actual read or write operation to these registers but rather to
the memory location specified by their corresponding Memory Pointer, MP0 or MP1. Acting as a pair,
IAR0 with MP0 and IAR1 with MP1, can together access data from the Data Memory. As the Indirect
Addressing Registers are not physically implemented, reading the Indirect Addressing Registers
indirectly will return a result of
²00H² and writing to the registers indirectly will result in no operation.
Rev. 1.20
28
September 15, 2011
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 9 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
2 0 H
I A R 0
M P 0
I A R 1
M P 1
B P
A C C
P C L
T B L P
T B L H
T B C
S T A T U S
I N T C 0
U n u s e d
T M R 0
T M R 0 C
T M R 1 H
T M R 1 L
T M R 1 C
P A
P A C
P B
P B C
P C
P C C
L V D C
D A C T R L
P W M 0
P W M 1
B P C T L
W D T C
I N T C 1
O P A 1 C 0
O P A 1 C 1
2 1 H
2 2 H
2 3 H
2 4 H
2 5 H
2 6 H
2 7 H
2 8 H
2 9 H
2 A H
2 B H
2 C H
2 D H
2 E H
2 F H
3 0 H
3 1 H
3 2 H
3 3 H
3 4 H
3 5 H
3 6 H
3 7 H
3 8 H
3 9 H
3 A H
3 B H
3 C H
3 D H
3 E H
3 F H
4 0 H
B a n k 0 , 1
B a n k 0
B a n k 1
O P A 2 C 0
O P A 2 C 1
O P A 2 C 2
A D R L
A D R H
A D C R
A C S R
S M O D
P A W U
P A P U
P B P U
P C P U
A D P C R
I N T E D G E
C M P 1 C 0
C M P 1 C 1
C M P 2 C 0
C M P 2 C 1
M I S C
M F I C 0
M F I C 1
S I M C 0
S I M C 1
S I M D
S I M A / S I M C 2
E E A
E E D
L C D C
L D O C
D A L
D A H
U n u s e d
E E C
Special Purpose Data Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com