Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F23 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT45F23
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F23 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT45F23 Datasheet HTML 3Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 152 page
background image
Features
CPU Features
· Operating voltage:
fSYS= 32768Hz: 2.2V~5.5V
fSYS= 4MHz: 2.2V~5.5V
fSYS= 8MHz: 3.3V~5.5V
fSYS= 12MHz: 4.5V~5.5V
· Up to 0.33
ms instruction cycle with 12MHz system clock at VDD=5V
· TinyPower technology for low power operation
· Power down and wake-up functions to reduce power consumption
· Oscillator types:
- External Crystal - HXT
- External 32.768kHz Crystal - LXT
- External RC - ERC
- Internal RC - HIRC
- Internal 32kHz RC - LIRC
· Multi-mode operation: Normal, Slow, Idle and Sleep
· Fully integrated internal 32kHz, 910kHz, 2MHz, 4MHz and 8MHz oscillator requires no external
components
· Externally supplied system clock option
· All instructions executed in one or two machine Cycles
· Table read instructions
· 63 powerful instructions
· 6-level subroutine nesting
· Bit manipulation instruction
Peripheral Features
· Flash Program Memory: 2K
´15
· RAM Data Memory: 128
´8
· EEPROM Data Memory: 64
´8
· Watchdog Timer function
· Up to 22 bidirectional I/O lines
· Software controlled 4-SCOM lines LCD COM driver with 1/2 bias
· Multiple pin-shared external interrupts
· Single 8-bit programmable Timer/Event Counter with overflow interrupt and Single 16-bit
programmable Timer/Event Counter with overflow interrupt function
· Dual Time-Base functions
· Serial Interfaces Module - SIM for SPI or I2C
· Dual Comparator functions (HT45F23/HT45F43) with tiny power consumption (HT45F43 only)
· Dual Operational Amplifiers functions (HT45F23/HT45F43) with tiny power consumption
(HT45F43 only)
· Operational Amplifier output to internal two channel 12-bit ADC function
· Up to 6 channel 12-bit ADC
· Up to 2 channel 8-bit PWM
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
7
September 15, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com