Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F23 Datasheet(PDF) 98 Page - Holtek Semiconductor Inc

Part # HT45F23
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F23 Datasheet(HTML) 98 Page - Holtek Semiconductor Inc

Back Button HT45F23 Datasheet HTML 94Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 95Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 96Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 97Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 98Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 99Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 100Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 101Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 102Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 152 page
background image
LDO Function
The devices contain a low power voltage regulator implemented in CMOS technology. Using CMOS
technology ensures low voltage drop and low quiescent current. There are two fixed output voltages of
2.4V and 3.3V, which can be controlled by a specific register. The internal LDO output combined with
various options by register can provide a fixed voltage for the LCD bias voltage, the OPA reference
voltage, the ADC reference voltage and as a fixed power supply for external device.
LDO Control Register
Bit
76543210
Name
¾¾¾
VLOE
REN1
VRES
VSEL
LDOEN
R/W
¾¾¾
R/W
R/W
R/W
R/W
R/W
POR
¾¾¾
00000
Bit 7~5
unimplemented, read as
²0²
Bit 4
VLOE: LDO output voltage control bit
0: disable
1: enable
If the VLOE and LDOEN are set to
²1², the LDO will output 2.4V or 3.3V to pin and disable
I/O function.
Bit 3
REN1: Bias voltage divided resistor control bit
0: disable
1: enable
If the REN1is set to
²1², that will turn on the resistor DC path, which will generate bias voltage
for OPAs or LCD SCOM.
Bit 2
VRES: Divided resistor voltage supply selection bit
0: VDD
1: VLDO
Bit 1
VSEL: LDO output voltage selection bit
0: 2.4V
1: 3.3V
Bit 0
LDOEN: LDO control bit
0: disable
1: enable
Note: 1. The total resistance of the divided resistor, 500K or 200K, can be selected by the ISEL flag in LCDC
register.
2. To disable the LDO function will turn off the BUF1 as well, no matter the LDO output voltage control bit,
VLOE, is enabled or not.
3. If the LCD COM1 is enabled, COM1EN=1, then the VLOE flag will be forced to
²0² by hardware to disable
the LDO output ,in order to avoid the conflict with LCD COM1 bias voltage output.
4. If the LDO output is as the ADC reference voltage, then the VCAP should be connected a 0.1u capacitor to
ground.
5. If the LCDBUF is enabled, then the BUF2 will be turned on and the SW7 will be turned off.
6. If the LDO is disabled, LDOEN=0, then the SW4 will be turned to VDD, no matter VRES flag is
²1² or not.
Rev. 1.20
98
September 15, 2011
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com