Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F23 Datasheet(PDF) 35 Page - Holtek Semiconductor Inc

Part # HT45F23
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F23 Datasheet(HTML) 35 Page - Holtek Semiconductor Inc

Back Button HT45F23 Datasheet HTML 31Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 32Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 33Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 34Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 35Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 36Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 37Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 38Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 39Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 152 page
background image
Oscillator
Various oscillator options offer the user a wide range of functions according to their various
application requirements. The flexible features of the oscillator functions ensure that the best
optimisation can be achieved in terms of speed and power saving. Oscillator selections and operation
are selected through a combination of configuration options and registers.
Oscillator Overview
In addition to being the source of the main system clock the oscillators also provide clock sources for
the Watchdog Timer and Time Base Interrupts. External oscillators requiring some external
components as well as fully integrated internal oscillators, requiring no external components, are
provided to form a wide range of both fast and slow system oscillators. All oscillator options are
selected through the configuration options. The higher frequency oscillators provide higher
performance but carry with it the disadvantage of higher power requirements, while the opposite is of
course true for the lower frequency oscillators. With the capability of dynamically switching between
fast and slow system clock, the device has the flexibility to optimize the performance/power ratio, a
feature especially important in power sensitive portable applications.
Type
Name
Freq.
Pins
External Crystal
HXT
400kHz~12MHz
OSC1/OSC2
External RC
ERC
4MHz
OSC1
Internal High Speed RC
HIRC
910kHz, 2/4/8MHz
¾
External Clock
EC
400kHz~12MHz
OSC1
External Low Speed Crystal
LXT
32.768kHz
XT1/XT2
Internal Low Speed RC
LIRC
32kHz
¾
Oscillator Types
System Clock Configurations
There are six methods of generating the system clock, four high speed oscillators and two low speed
oscillators. The high speed oscillators are the external crystal/ ceramic oscillator, external RC network
oscillator, external clock and the internal 910kHz, 2MHz, 4MHz or 8MHz RC oscillator. The two low
speed oscillators are the internal 32kHz RC oscillator and the external 32.768kHz crystal oscillator.
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
35
September 15, 2011
HXT
ERC
HIRC
LIRC
LXT
6- stage Prescaler
High Speed Oscillation
Low Speed Oscillation
Low Speed Oscillation
Configuration Option
High Speed Oscillation
Configuration Option
fH
fH/2
fH/4
fH/8
fH /16
fH /32
fH /64
fL
HLCLK,
CKS2~CKS0 bits
Fast Wake-
up from SLEEP Mode or
IDLE Mode Control (for HXT only)
fSYS
fSUB
EC
System Clock Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com