Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7816EBZ Datasheet(PDF) 29 Page - Analog Devices

Part # EVAL-ADE7816EBZ
Description  Six Current Channels, One Voltage Channel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7816EBZ Datasheet(HTML) 29 Page - Analog Devices

Back Button EVAL-ADE7816EBZ Datasheet HTML 25Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 26Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 27Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 28Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 29Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 30Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 31Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 32Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
Data Sheet
ADE7816
Rev. 0 | Page 29 of 48
This method of determining the power factor does not take into
account the effect of any harmonics.
When Bits[10:9] (ANGLESEL) of the COMPMODE register are
set to 10b, the time delays (angles) between current channels are
measured. Table 10 shows the current channel-to-channel delay
measure-ments that are available.
Table 10. Available Channel-to-Channel Measurements
(ANGLESEL = 10b)
Channel-to-Channel Measurements
CHANNEL_SEL
(COMPMODE[14])
ANGLE0
ANGLE1
ANGLE2
0
A to B
A to C
B to C
1
A to E
D to F
E to F
The ANGLE0 (Address 0xE601), ANGLE1 (Address 0xE602), and
ANGLE2 (Address 0xE603) registers are 16-bit, unsigned registers
with 1 LSB corresponding to 3.90625 μs (256 kHz clock), which
corresponds to a resolution of 0.0703° (360° × 50 Hz/256 kHz)
for 50 Hz systems and 0.0843° (360° × 60 Hz/256 kHz) for 60 Hz
systems.
PERIOD MEASUREMENT
The ADE7816 provides the period measurement of the line in
the voltage channel. The period register (Address 0xE607) is
a 16-bit, unsigned register that updates every line period. Due
to internal filtering, a settling time of 30 ms to 40 ms is associ-
ated with this measurement.
The period measurement has a resolution of 3.90625 μs/LSB
(256 kHz clock), which represents 0.0195% (50 Hz/256 kHz)
when the line frequency is 50 Hz and 0.0234% (60 Hz/256 kHz)
when the line frequency is 60 Hz. The value of the period register
for 50 Hz networks is approximately 5120 (256 kHz/50 Hz) and
for 60 Hz networks is approximately 4267 (256 kHz/60 Hz). The
length of the register enables the measurement of line frequencies
that are as low as 3.9 Hz (256 kHz/216). The period register is stable
at ±1 LSB when the line is established, and the measurement
does not change.
The following expressions can be used to compute the line period
and frequency, using the period register:
[ ]
(17)
sec
3
E
256
x
0
1
+
=
0]
PERIOD[15:
T
L
]
Hz
[
1
3
E
256
x
0
+
=
0]
PERIOD[15:
f
L
VOLTAGE SAG DETECTION
The ADE7816 includes a sag detection feature that warns the
user when the absolute value of the line voltage falls below the
programmable threshold for a programmable number of line
cycles. This feature can provide an early warning signal that the
line voltage is dropping out. The voltage sag feature is controlled
by two registers: SAGCYC (Address 0xE704) and SAGLVL
(Address 0xE509). These registers control the sag period and
the sag voltage threshold, respectively.
Sag detection is disabled by default and can be enabled by writing
a nonzero value to both the SAGCYC and SAGLVL registers. If
either register is set to 0, the sag feature is disabled. If a voltage
sag condition occurs, the sag bit (Bit 16) in the STATUS1 register
(Address 0xE503) is set to 1.
SETTING THE SAGCYC REGISTER
The 8-bit, unsigned SAGCYC register contains the programmable
sag period. The sag period is the number of half line cycles below
which the voltage channel must remain before a sag condition
occurs. Each LSB of the SAGCYC register corresponds to a half
line cycle period. The SAGCYC register holds a maximum
value of 255.
At 50 Hz, the maximum sag cycle time is 2.55 seconds.
⎟
⎠
⎞
⎜
⎝
⎛
÷ 2
50
1
× 255 = 2.55 sec
At 60 Hz, the maximum sag cycle time is 2.125 seconds.
⎟
⎠
⎞
⎜
⎝
⎛
÷ 2
60
1
× 255 = 2.125 sec
If the SAGCYC value is modified after the feature is enabled,
the new SAGCYC period is effective immediately. Therefore, it
is possible for a sag event to be caused by a combination of sag
cycle periods. To prevent any overlap, the SAGLVL register should
be reset to 0 to effectively disable the feature before the new cycle
value is written to the SAGCYC register.
SETTING THE SAGLVL REGISTER
The content of the 24-bit SAGLVL register is compared to the
absolute value of the output from the HPF. Writing 5,928,256
(0x5A7540) to the SAGLVL register sets the sag detection level
at full scale. This results in the sag event triggering continuously.
Writing 0x00 or 0x01 puts the sag detection level at 0; therefore,
the sag event is never triggered.
VOLTAGE SAG INTERRUPT
The ADE7816 includes an interrupt that is associated with the
voltage sag detection feature. If this interrupt is enabled, a voltage
sag event causes the external IRQ1 pin to go low. This interrupt
is disabled by default and can be enabled by setting the sag bit
(Bit 16) in the MASK1 register, Address 0xE50B (see the
section).
Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com