Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7816EBZ Datasheet(PDF) 32 Page - Analog Devices

Part # EVAL-ADE7816EBZ
Description  Six Current Channels, One Voltage Channel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7816EBZ Datasheet(HTML) 32 Page - Analog Devices

Back Button EVAL-ADE7816EBZ Datasheet HTML 28Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 29Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 30Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 31Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 32Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 33Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 34Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 35Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
ADE7816
Data Sheet
Rev. 0 | Page 32 of 48
I2C Read Operation
The read operation, using the I2C interface of the ADE7816, is
accomplished in two stages. The first stage sets the pointer to
the address of the register; the second stage reads the contents
of the register (see Figure 40).
The first stage is initiated when the master generates a start con-
dition. It consists of one byte, representing the address of the
ADE7816, followed by the 16-bit address of the target register. The
ADE7816 acknowledges every byte received. The address byte is
similar to the address byte of a write operation and is equal to 0x70
(see the I2C Write Operation section for details). After the last
byte of the register address is sent and acknowledged by the
ADE7816, the second stage begins with the master generating
a new start condition, followed by an address byte. The most
significant seven bits of this address byte constitute the address of
the ADE7816, which is 0111000b. Bit 0 of the address byte is a
read/write bit. Because this is a read operation, it must be set to 1;
therefore, the first byte of the read operation is 0x71. After this byte
is received, the
generates an acknowledge. Then the
sends the value of the register, and, after every eight bits
are received, the master generates an acknowledge. All the bytes
are sent with the most significant bit first. Registers can be 8, 16,
or 32 bits. After the last bit of the register is received, the master
does not acknowledge the transfer but, instead, generates a stop
condition.
ADE7816
ADE7816
SPI-Compatible Interface
The ADE7816 SPI is always a slave of the communication and
consists of four pins (with dual functions): SCLK/SCL, MOSI/SDA,
MISO/HSD, and SS/HSA. The functions used in the SPI-compatible
interface are SCLK, MOSI, MISO, and SS. The serial clock for
a data transfer is applied at the SCLK logic input. This logic input
has a Schmitt trigger input structure that allows the use of slow
rising (and falling) clock edges. All data transfer operations
synchronize to the serial clock. Data shifts into the
at the MOSI logic input on the falling edge of SCLK, and the
samples it on the rising edge of SCLK. Data shifts out
of the
at the MISO logic output on a falling edge of SCLK
and can be sampled by the master device on the raising edge of
SCLK. The most significant bit of the word is shifted in and out
first. The maximum serial clock frequency that is supported by
this interface is 2.5 MHz. MISO stays in high impedance when no
data is transmitted from the
.
shows details of
the connection between the
SPI and a master device
containing a SPI interface.
ADE7816
ADE7816
ADE7816
ADE7816 Figure 38
ADE7816
MOSI/SDA
MISO/HSD
SCLK/SCL
ADE7816
MOSI
MISO
SCK
SPI DEVICE
SS/HSA
SS
Figure 38. Connecting the ADE7816 SPI with a SPI Device
ACKNOWLEDGE
GENERATED BY
ADE7816
S
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
S
0
15
SLAVE ADDRESS
MS 8 BITS OF
REGISTER ADDRESS
LS 8 BITS OF
REGISTER ADDRESS
BYTE 3 (MS)
OF REGISTER
BYTE 2 OF REGISTER
BYTE 1 OF REGISTER
BYTE 0 (LS) OF
REGISTER
87
0
31
16
15
8
7
0
0
7
11 100 00
Figure 39. I2C Write Operation of a 32-Bit Register
ACKNOWLEDGE
GENERATED BY
ADE7816
ACKNOWLEDGE
GENERATED BY
MASTER
S
A
C
K
A
C
K
A
C
K
0
15
SLAVE ADDRESS
MSB 8 BITS OF
REGISTER ADDRESS
LSB 8 BITS OF
REGISTER ADDRESS
87
0
1 110000
S
A
C
K
A
C
K
A
C
K
A
C
K
S
0
SLAVE ADDRESS
BYTE 3 (MSB)
OF REGISTER
BYTE 2 OF
REGISTER
BYTE 1 OF
REGISTER
BYTE 0 (LSB)
OF REGISTER
31
16
15
8
7
0
0
7
11 1000 1
ACKNOWLEDGE
GENERATED BY
ADE7816
N
O
A
C
K
Figure 40. I2C Read Operation of a 32-Bit Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com