Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7816EBZ Datasheet(PDF) 35 Page - Analog Devices

Part # EVAL-ADE7816EBZ
Description  Six Current Channels, One Voltage Channel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7816EBZ Datasheet(HTML) 35 Page - Analog Devices

Back Button EVAL-ADE7816EBZ Datasheet HTML 31Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 32Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 33Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 34Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 35Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 36Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 37Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 38Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
Data Sheet
ADE7816
Rev. 0 | Page 35 of 48
Table 11 lists the time that is required to execute an HSDC data transfer for all HSDC_CFG register settings.
Table 11. Communication Times for Various HSDC Settings
HXFER[1:0]
HGAP
HSIZE1
HCLK
Communication Time (μs)
01
0
N/A
0
28
01
0
N/A
1
56
01
1
0
0
33.25
01
1
0
1
66.5
01
1
1
0
51.625
01
1
1
1
103.25
1 N/A means not applicable.
HSCLK
HSD
HSA
0
31
0
31
0
31
0
31
IAWV/IDWV (32)
VWV (32)
IBWV/IEWV (32)
0000000 (32)
Figure 44. HSDC Communication for HGAP = 0, HXFER[1:0] = 01, and HSAPOL = 0; HSIZE Is Irrelevant
HSCLK
HSD
HSA
0
31
0
31
0
31
IAWV/IDWV (32)
7 HSCLK CYCLES
VWV (32)
IBWV/IEWV (32)
7 HSCLK CYCLES
0
31
00000000 (32)
Figure 45. HSDC Communication for HSIZE = 0, HGAP = 1, HXFER[1:0] = 01, and HSAPOL = 0
HSCLK
HSD
HSA
24
31
16
23
8
15
0
7
IAWV/IDWV (BYTE 3)
7 HSCLK CYCLES
IAWV/IDWV (BYTE 2)
IAWV/IDWV (BYTE 1)
00 (BYTE 0)
7 HSCLK CYCLES
Figure 46. HSDC Communication for HSIZE = 1, HGAP = 1, HXFER[1:0] = 01, and HSAPOL = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com