Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7816EBZ Datasheet(PDF) 16 Page - Analog Devices

Part # EVAL-ADE7816EBZ
Description  Six Current Channels, One Voltage Channel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7816EBZ Datasheet(HTML) 16 Page - Analog Devices

Back Button EVAL-ADE7816EBZ Datasheet HTML 12Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 13Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 14Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 15Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 16Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 17Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 18Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 19Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
ADE7816
Data Sheet
Rev. 0 | Page 16 of 48
QUICK START
This section outlines the procedure for powering up and initializing
the ADE7816. Figure 23 shows a flow diagram of the initialization
steps. For detailed information, refer to the section of the data
sheet that pertains to each step, as indicated in Figure 23.
After power is supplied to the ADE7816 and communication
is established, a set of registers must be written (see Figure 23).
Table 8 lists details about each register.
The registers listed in Table 8 are essential for correct operation.
After these registers are set, enable any meter-specific features
before enabling the DSP to begin the energy calculations.
NOTE THAT THE FINAL
REGISTER SHOULD BE
WRITTEN 3 TIMES TO
CLEAR THE BUFFER
(SEE STARTING AND
STOPPING THE DSP
SECTION)
WTHR1 = 0x000002
WTHR0 = 0x000000
VARTHR1 = 0x000002
VARTHR0 = 0x000000
PCF_A_COEFF = 0x400CA4 (50Hz)
PCF_B_COEFF = 0x400CA4 (50Hz)
PCF_C_COEFF = 0x400CA4 (50Hz)
PCF_D_COEFF = 0x400CA4 (50Hz)
PCF_E_COEFF = 0x400CA4 (50Hz)
PCF_F_COEFF = 0x400CA4 (50Hz)
DICOEFF = 0xFFF8000
POWER UP THE
ADE7816
(SEE POWER AND
GROUND SECTION)
INITIALIZATION
COMPLETE
ENABLE THE ENERGY
METERING DSP
(SEE STARTING AND
STOPPING THE DSP
SECTION)
WRITE REQUIRED
REGISTER
DEFAULTS
SET AND LOCK
COMMUNICATION MODE
(SEE COMMUNICATION
SECTION)
CONFIGURE METER
SPECIFIC INTERRUPTS,
POWER QUALITY
FEATURES, AND
CALIBRATE
(SEE THE INTERRUPTS,
POWER QUALITY
FEATURES, AND ENERGY
CALIBRATION SECTIONS)
Figure 23. Quick Start
Table 8. Required Register Defaults
Register
Address
Register
Name
Register Description
Required Value
Reference Information
0x43AB
WTHR1
Threshold register for active energy
0x000002
Refer to the
Active Energy Threshold section.
0x43AC
WTHR0
Threshold register for active energy
0x000000
Refer to the
Active Energy Threshold section.
0x43AD
VARTHR1
Threshold register for reactive energy
0x000002
Refer to the
Reactive Energy Threshold section.
0x43AE
VARTHR0
Threshold register for reactive energy
0x000000
Refer to the
Reactive Energy Threshold section.
0x43B1
PCF_A_COEFF
Phase calibration for Current Channel A
0x400CA4 (50 Hz)
Refer to the
Energy Phase Calibration section.
0x43B2
PCF_B_COEFF
Phase calibration for Current Channel B
0x400CA4 (50 Hz)
Refer to the
Energy Phase Calibration section.
0x43B3
PCF_C_COEFF
Phase calibration for Current Channel C
0x400CA4 (50 Hz)
Refer to the
Energy Phase Calibration section.
0x43B4
PCF_D_COEFF
Phase calibration for Current Channel D
0x400CA4 (50 Hz)
Refer to the
Energy Phase Calibration section.
0x43B5
PCF_E_COEFF
Phase calibration for Current Channel E
0x400CA4 (50 Hz)
Refer to the
Energy Phase Calibration section.
0x43B6
PCF_F_COEFF
Phase calibration for Current Channel F
0x400CA4 (50 Hz)
Refer to the
Energy Phase Calibration section.
0x4388
DICOEFF
Digital integrator algorithm; required only
if using di/dt sensors
0xFFF8000
Refer to the
Digital Integrator section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com