Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7816EBZ Datasheet(PDF) 43 Page - Analog Devices

Part # EVAL-ADE7816EBZ
Description  Six Current Channels, One Voltage Channel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7816EBZ Datasheet(HTML) 43 Page - Analog Devices

Back Button EVAL-ADE7816EBZ Datasheet HTML 39Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 40Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 41Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 42Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 43Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 44Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 45Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 46Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
Data Sheet
ADE7816
Rev. 0| Page 43 of 48
Table 26. ACCMODE Register (Address 0xE701)
Bits
Bit Name
Default
Value
Description
7
REVRPSEL
0x0
0: the sign of the reactive power is monitored on the A, B, and C channels.
1: the sign of the reactive power is monitored on the D, E, and F channels.
6
REVAPSEL
0x0
0: the sign of the active power is monitored on the A, B, and C channels.
1: the sign of the active power is monitored on the D, E, and F channels.
[5:4]
Reserved
0x00
These bits should be ignored and not modified.
00: signed accumulation for all reactive power measurements.
01: reserved.
10: reserved.
[3:2]
VARACC[1:0]
0x00
11: reserved.
[1:0]
WATTACC[1:0]
0x00
00: signed accumulation for all active power measurements.
01: reserved.
10: reserved.
11: reserved.
Table 27. LCYCMODE Register (Address 0xE702)
Bits
Bit Name
Default
Value
Description
7
Reserved
0x0
Reserved. This bit does not control any functionality.
6
RSTREAD
0x1
Enables read-with-reset for all energy registers. Note that this bit has no function in line cycle
accumulation mode and should be set to 0 when this mode is in use.
[5:4]
Reserved
0x0
These bits should be ignored.
3
ZX_SEL
0x0
Enables the voltage channel zero-crossing counter for line cycle accumulation mode.
2
Reserved
0x0
These bits should be ignored.
1
LVAR
0x0
Enables the reactive energy line cycle accumulation mode.
0
LWATT
0x0
Enables the active energy line cycle accumulation mode.
Table 28. HSDC_CFG Register (Address 0xE706)
Bits
Bit Name
Default
Value
Description
[7:6]
Reserved
0x00
These bits should be ignored.
5
HSAPOL
0x0
0: SS/HSA output pin is active low (default).
1: SS/HSA output pin is active high.
[4:3]
HXFER[1:0]
0x00
00 = reserved.
01 = HSDC transmits current and voltage waveform data.
10 = reserved.
11 = reserved.
2
HGAP
0x0
0: no gap is introduced between packages (default).
1: a gap of seven HCLK cycles is introduced between packages.
1
HSIZE
0x0
0: HSDC transmits the 32-bit registers in 32-bit packages, most significant bit first (default).
1: HSDC transmits the 32-bit registers in 8-bit packages, most significant bit first.
0
HCLK
0x0
0: HSCLK = 8 MHz (default).
1: HSCLK = 4 MHz.
Table 29. CONFIG2 Register (Address 0xEC01)
Bits
Bit Name
Default
Value
Description
[7:2]
Reserved
0x0
These bits should be ignored.
1
I2C_LOCK
0x0
Serial port lock.
0
EXTREFEN
0x0
Set to 1 to use with an external reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com