Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7816EBZ Datasheet(PDF) 44 Page - Analog Devices

Part # EVAL-ADE7816EBZ
Description  Six Current Channels, One Voltage Channel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7816EBZ Datasheet(HTML) 44 Page - Analog Devices

Back Button EVAL-ADE7816EBZ Datasheet HTML 40Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 41Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 42Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 43Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 44Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 45Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 46Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 47Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
ADE7816
Data Sheet
Rev. 0 | Page 44 of 48
Interrupt Enable and Interrupt Status Registers
Table 30. STATUS0 Register (Address 0xE502) and MASK0 Register (Address 0xE50A)
Bits
Bit Name
Default Value
Description
[31:18]
Reserved
0 0000 0000 0000
These bits should be ignored.
17
DREADY
0x0
New waveform data is ready.
16
Reserved
0x0
This bit should be ignored.
15
Reserved
0x0
This bit should be ignored.
14
Reserved
0x0
This bit should be ignored.
13
Reserved
0x0
This bit should be ignored.
12
REVRP3
0x0
The sign of the reactive power has changed (C or F channel).
11
REVRP2
0x0
The sign of the reactive power has changed (B or E channel).
10
REVRP1
0x0
The sign of the reactive power has changed (A or D channel).
9
Reserved
0x0
This bit should be ignored.
8
REVAP3
0x0
The sign of the active power has changed (C or F channel).
7
REVAP2
0x0
The sign of the active power has changed (B or E channel).
6
REVAP1
0x0
The sign of the active power has changed (A or D channel).
5
LENERGY
0x0
The end of a line cycle accumulation period.
4
Reserved
0x0
This bit should be ignored.
3
REHF2
0x0
The active energy register is half full (D, E, or F channel).
2
REHF1
0x0
The reactive energy register is half full (A, B, or C channel).
1
AEHF2
0x0
The active energy register is half full (D, E, or F channel)
0
AEHF1
0x0
The active energy register is half full (A, B, or C channel).
Table 31. STATUS1 Register (Address 0xE503) and MASK1 Register (Address 0xE50B)
Bits
Bit Name
Default Value
Description
[31:25]
Reserved
0x0000000
These bits should be ignored.
24
PKV
0x0
The end of the voltage channel peak detection period.
23
PKI
0x0
The end of the current channel peak detection period.
22
Reserved
0x0
This bit should be ignored.
21
Reserved
0x1
This bit should be ignored.
20
Reserved
0x0
This bit should be ignored.
19
Reserved
0x0
This bit should be ignored.
18
OV
0x0
An overvoltage event has occurred.
17
OI
0x0
An overcurrent event has occurred.
16
Sag
0x0
A sag event has occurred.
15
RSTDONE
0x1
The end of a software or hardware reset.
14
ZXI3
0x0
C or F current channel zero crossing.
13
ZXI2
0x0
B or E current channel zero crossing.
12
ZXI1
0x0
A or D current channel zero crossing.
11
Reserved
0x0
This bit should be ignored.
10
Reserved
0x0
This bit should be ignored.
9
ZXV
0x0
Voltage channel zero crossing.
8
ZXTOI3
0x0
A zero crossing on the C or F current channel is missing.
7
ZXTOI2
0x0
A zero crossing on the B or E current channel is missing.
6
ZXTOI1
0x0
A zero crossing on the A or D current channel is missing.
5
Reserved
0x0
This bit should be ignored.
4
Reserved
0x0
This bit should be ignored.
3
ZXTOV
0x0
A zero crossing on the voltage channel is missing.
2
Reserved
0x0
This bit should be ignored.
1
NLOAD2
0x0
Active and reactive no load condition on the D, E, or F current channel.
0
NLOAD1
0x0
Active and reactive no load condition on the A, B, or C current channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com