Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7816EBZ Datasheet(PDF) 4 Page - Analog Devices

Part # EVAL-ADE7816EBZ
Description  Six Current Channels, One Voltage Channel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7816EBZ Datasheet(HTML) 4 Page - Analog Devices

  EVAL-ADE7816EBZ Datasheet HTML 1Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 2Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 3Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 4Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 5Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 6Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 7Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
ADE7816
Data Sheet
Rev. 0 | Page 4 of 48
Parameter 1, 2
Min
Typ
Max
Unit
Test Conditions/Comments
WAVEFORM SAMPLING
Sampling CLKIN/2048, 16.384 MHz/2048 = 8 kSPS
Current and Voltage Channels
See the Instantaneous Waveforms section
Signal-to-Noise Ratio, SNR
70
dB
PGA = 1
Signal-to-Noise-and-Distortion Ratio, SINAD
60
dB
PGA = 1
Bandwidth (−3 dB)
2
kHz
TIME INTERVAL BETWEEN CHANNELS
Measurement Error
0.3
Degrees
Line frequency = 45 Hz to 65 Hz, HPF on
REFERENCE INPUT
REFIN/OUT Input Voltage Range
1.1
1.3
V
Minimum = 1.2 V − 8%; maximum = 1.2 V + 8%
Input Capacitance
10
pF
ON-CHIP REFERENCE
Nominal 1.207 V at the REFIN/OUT pin at TA = 25°C
Reference Error
±2
mV
Output Impedance
1.2
kΩ
Temperature Coefficient
10
50
ppm/°C
Maximum value across full temperature range
of −40°C to +85°C
CLKIN, CLKOUT
All specifications are for CLKIN, CLKOUT of
16.384 MHz
Input Clock Frequency
16.22
16.384
16.55
MHz
Crystal Equivalent Series Resistance
30
200
Ω
CLKIN Input Capacitance
20
pF
CLKOUT Output Capacitance
20
pF
LOGIC INPUTS—MOSI/SDA, SCLK/SCL,
SS/HSA, RESET, PULL_HIGH, PULL_LOW
Input High Voltage, VINH
2.0
V
VDD = 3.3 V ± 10%
Input Low Voltage, VINL
0.8
V
VDD = 3.3 V ± 10%
Input Current, IIN
−8.7
μA
Input = 0 V, VDD = 3.3 V
3
μA
Input = VDD = 3.3 V
100
nA
Input = VDD = 3.3 V
Input Capacitance, CIN
10
pF
LOGIC OUTPUTS—IRQ0, IRQ1, MISO/HSD
VDD = 3.3 V ± 10%
Output High Voltage, VOH
2.4
V
VDD = 3.3 V ± 10%
ISOURCE
800
μA
Output Low Voltage, VOL
0.4
V
VDD = 3.3 V ± 10%
ISINK
2
mA
POWER SUPPLY
For specified performance
VDD Pin
3.0
3.6
V
Minimum = 3.3 V − 10%; maximum = 3.3 V + 10%
IDD
25
27.8
mA
1 See the Typical Performance Characteristics section.
2 See the Terminology section for a definition of the parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com