Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7816EBZ Datasheet(PDF) 37 Page - Analog Devices

Part # EVAL-ADE7816EBZ
Description  Six Current Channels, One Voltage Channel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7816EBZ Datasheet(HTML) 37 Page - Analog Devices

Back Button EVAL-ADE7816EBZ Datasheet HTML 33Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 34Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 35Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 36Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 37Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 38Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 39Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 40Page - Analog Devices EVAL-ADE7816EBZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
Data Sheet
ADE7816
Rev. 0 | Page 37 of 48
REGISTER MAPS
Table 12. Calibration and Power Quality Registers
Address
Register
Name
R/W1
Bit
Length
Bit Length During
Communication2
Type 3
Default
Value
Description
0x4380
VGAIN
R/W
24
32 ZPSE
S
0x000000
Voltage gain adjustment.
0x4381
IAGAIN
R/W
24
32 ZPSE
S
0x000000
Current Channel A current gain adjustment.
0x4382
IBGAIN
R/W
24
32 ZPSE
S
0x000000
Current Channel B current gain adjustment.
0x4383
ICGAIN
R/W
24
32 ZPSE
S
0x000000
Current Channel C current gain adjustment.
0x4384
IDGAIN
R/W
24
32 ZPSE
S
0x000000
Current Channel D current gain adjustment.
0x4385
IEGAIN
R/W
24
32 ZPSE
S
0x000000
Current Channel E current gain adjustment.
0x4386
IFGAIN
R/W
24
32 ZPSE
S
0x000000
Current Channel F current gain adjustment.
0x4387
Reserved
R/W
24
32 ZPSE
S
0x000000
This register should be ignored.
0x4388
DICOEFF
R/W
24
32 ZPSE
S
0x000000
Register used in the digital integrator algorithm.
When the integrator is enabled, this register
should be set to 0xFFF8000.
0x4389
HPFDIS
R/W
24
32 ZPSE
S
0x000000
Disables the high-pass filter for all channels.
0x438A
VRMSOS
R/W
24
32 ZPSE
S
0x000000
Voltage rms offset.
0x438B
IARMSOS
R/W
24
32 ZPSE
S
0x000000
Current Channel A current rms offset.
0x438C
IBRMSOS
R/W
24
32 ZPSE
S
0x000000
Current Channel B current rms offset.
0x438D
ICRMSOS
R/W
24
32 ZPSE
S
0x000000
Current Channel C current rms offset.
0x438E
IDRMSOS
R/W
24
32 ZPSE
S
0x000000
Current Channel D current rms offset.
0x438F
IERMSOS
R/W
24
32 ZPSE
S
0x000000
Current Channel E current rms offset.
0x4390
IFRMSOS
R/W
24
32 ZPSE
S
0x000000
Current Channel F current rms offset.
0x4391
AWGAIN
R/W
24
32 ZPSE
S
0x000000
Channel A active power gain adjust.
0x4392
AWATTOS
R/W
24
32 ZPSE
S
0x000000
Channel A active power offset adjust.
0x4393
BWGAIN
R/W
24
32 ZPSE
S
0x000000
Channel B active power gain adjust.
0x4394
BWATTOS
R/W
24
32 ZPSE
S
0x000000
Channel B active power offset adjust.
0x4395
CWGAIN
R/W
24
32 ZPSE
S
0x000000
Channel C active power gain adjust.
0x4396
CWATTOS
R/W
24
32 ZPSE
S
0x000000
Channel C active power offset adjust.
0x4397
DWGAIN
R/W
24
32 ZPSE
S
0x000000
Channel D active power gain adjust
0x4398
DWATTOS
R/W
24
32 ZPSE
S
0x000000
Channel D active power offset adjust.
0x4399
EWGAIN
R/W
24
32 ZPSE
S
0x000000
Channel E active power gain adjust.
0x439A
EWATTOS
R/W
24
32 ZPSE
S
0x000000
Channel E active power offset adjust.
0x439B
FWGAIN
R/W
24
32 ZPSE
S
0x000000
Channel F active power gain adjust.
0x439C
FWATTOS
R/W
24
32 ZPSE
S
0x000000
Channel F active power offset adjust.
0x439D
AVARGAIN
R/W
24
32 ZPSE
S
0x000000
Channel A reactive power gain adjust.
0x439E
AVAROS
R/W
24
32 ZPSE
S
0x000000
Channel A reactive power offset adjust.
0x439F
BVARGAIN
R/W
24
32 ZPSE
S
0x000000
Channel B reactive power gain adjust.
0x43A0
BVAROS
R/W
24
32 ZPSE
S
0x000000
Channel B reactive power offset adjust.
0x43A1
CVARGAIN
R/W
24
32 ZPSE
S
0x000000
Channel C reactive power gain adjust.
0x43A2
CVAROS
R/W
24
32 ZPSE
S
0x000000
Channel C reactive power offset adjust.
0x43A3
DVARGAIN
R/W
24
32 ZPSE
S
0x000000
Channel D reactive power gain adjust.
0x43A4
DVAROS
R/W
24
32 ZPSE
S
0x000000
Channel D reactive power offset adjust.
0x43A5
EVARGAIN
R/W
24
32 ZPSE
S
0x000000
Channel E reactive power gain adjust.
0x43A6
EVAROS
R/W
24
32 ZPSE
S
0x000000
Channel E reactive power offset adjust.
0x43A7
FVARGAIN
R/W
24
32 ZPSE
S
0x000000
Channel F reactive power gain adjust.
0x43A8
FVAROS
R/W
24
32 ZPSE
S
0x000000
Channel F reactive power offset adjust.
0x43A9
Reserved
This register should be ignored.
0x43AA
Reserved
This register should be ignored.
0x43AB
WTHR1
R/W
24
32 ZP
U
0x000000
Most significant 24 bits of the WTHR[47:0]
threshold.
0x43AC
WTHR0
R/W
24
32 ZP
U
0x000000
Least significant 24 bits of the WTHR[47:0]
threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com